Zakładka z wyszukiwarką danych komponentów |
|
SL2150D Arkusz danych(PDF) 2 Page - Zarlink Semiconductor Inc |
|
SL2150D Arkusz danych(HTML) 2 Page - Zarlink Semiconductor Inc |
2 / 16 page SL2150D Data Sheet 2 Zarlink Semiconductor Inc. Figure 2 - Pin Allocation 1.0 Quick Reference Data NB all data applies with differential termination and single ended source both of 75 Ω. *132 channel matrix at +15 dBmV per channel, 75 Ω source impedance Characteristics Units RF input operating range 50-860 MHz Gain with external load as in Figure 11 maximum minimum 11 -25 dB dB Input NF, both paths enabled at maximum gain 6.4 dB CTB, both paths enabled, all gain settings * -66 dBc CSO, both paths enabled, all gain settings * -64 dBc CXM, both paths enabled, all gain settings * -60 dBc Input impedance 75 Ω Input VSWR 8 dB Output impedance differential, all loops (requires external load for example as in Figure 11) 440 Ω Input to output isolation (both outputs) 30 dB Output to output isolation 25 dB Table 1 - Reference Data SL2150D Vee Vee RFOUT1 RFOUT1B Vcc Vcc Vcc Vee Vee RFOUT2 RFOUT2B NC# AGC2 AGC1 VEE (PACKAGE PADDLE) LH28 # Pins marked NC should be connected to Vee 1 |
Podobny numer części - SL2150D |
|
Podobny opis - SL2150D |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |