Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS80C31X2-VCAD Arkusz danych(PDF) 11 Page - TEMIC Semiconductors

Numer części TS80C31X2-VCAD
Szczegółowy opis  8-bit CMOS Microcontroller 0-60 MHz
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEMIC [TEMIC Semiconductors]
Strona internetowa  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C31X2-VCAD Arkusz danych(HTML) 11 Page - TEMIC Semiconductors

Back Button TS80C31X2-VCAD Datasheet HTML 7Page - TEMIC Semiconductors TS80C31X2-VCAD Datasheet HTML 8Page - TEMIC Semiconductors TS80C31X2-VCAD Datasheet HTML 9Page - TEMIC Semiconductors TS80C31X2-VCAD Datasheet HTML 10Page - TEMIC Semiconductors TS80C31X2-VCAD Datasheet HTML 11Page - TEMIC Semiconductors TS80C31X2-VCAD Datasheet HTML 12Page - TEMIC Semiconductors TS80C31X2-VCAD Datasheet HTML 13Page - TEMIC Semiconductors TS80C31X2-VCAD Datasheet HTML 14Page - TEMIC Semiconductors TS80C31X2-VCAD Datasheet HTML 15Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Rev. A - Mar. 19, 1999
11
Preliminary
TS80C31X2
ASSEMBLY LANGUAGE
; Block move using dual data pointers
; Destroys DPTR0, DPTR1, A and PSW
; note: DPS exits opposite of entry state
; unless an extra INC AUXR1 is added
;
00A2
AUXR1 EQU 0A2H
;
0000 909000MOV DPTR,#SOURCE
; address of SOURCE
0003 05A2 INC
AUXR1
; switch data pointers
0005 90A000 MOV DPTR,#DEST
; address of DEST
0008
LOOP:
0008 05A2 INC
AUXR1
; switch data pointers
000A E0
MOVX A,@DPTR
; get a byte from SOURCE
000B A3
INC
DPTR
; increment SOURCE address
000C 05A2 INC
AUXR1
; switch data pointers
000E F0
MOVX @DPTR,A
; write the byte to DEST
000F A3
INC
DPTR
; increment DEST address
0010 70F6 JNZ
LOOP
; check for 0 terminator
0012 05A2 INC
AUXR1
; (optional) restore DPS
INC is a short (2 bytes) and fast (12 clocks) way to manipulate the DPS bit in the AUXR1 SFR. However,
note that the INC instruction does not directly force the DPS bit to a particular state, but simply toggles it.
In simple routines, such as the block move example, only the fact that DPS is toggled in the proper sequence
matters, not its actual value. In other words, the block move routine works the same whether DPS is '0' or '1'
on entry. Observe that without the last instruction (INC AUXR1), the routine will exit with DPS in the
opposite state.


Podobny numer części - TS80C31X2-VCAD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
TS80C31X2-VCAD ATMEL-TS80C31X2-VCAD Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
More results

Podobny opis - TS80C31X2-VCAD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com