Zakładka z wyszukiwarką danych komponentów |
|
AM42BDS640AGBD9IS Arkusz danych(PDF) 6 Page - SPANSION |
|
AM42BDS640AGBD9IS Arkusz danych(HTML) 6 Page - SPANSION |
6 / 72 page November 1, 2002 Am42BDS640AG 5 P R E L I M INARY PRODUCT SELECTOR GUIDE MCP BLOCK DIAGRAM Part Number Am42BDS640AG Burst Frequency 54 MHz 40 MHz Speed Option VCC, VIO = 1.65 – 1.95 V D8, D9 C8, C9 Max Initial Synchronous Access Time, ns (tIACC) Reduced Wait-state Handshaking: Even Address 87.5 95 Max Initial Synchronous Access Time, ns (t IACC) Reduced Wait-state Handshaking: Odd Address; or Standard Handshaking 106 120 Max Burst Access Time, ns (t BACC)13.5 20 Max Asynchronous Access Time, ns (t ACC) 70 85 Max CE# Access, ns (t CE) Max OE# Access, ns (t OE)13.5 20 Max Access Time, ns (t ACC) 70 85 Max CE# Access, ns (t CE) Max OE# Access, ns (t OE)35 40 VSS VCCs RESET# WE# CE#f OE# CE1#s VSS VCCf/VIOf RDY LB#s UB#s WP# CE2s 16 M Bit Static RAM 64 M Bit Flash Memory DQ15 to DQ0 DQ15 to DQ0 DQ15 to DQ0 A21 to A0 A0 to A19 ACC AVD# CLK A19 to A0 A21 to A0 |
Podobny numer części - AM42BDS640AGBD9IS |
|
Podobny opis - AM42BDS640AGBD9IS |