Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSC8051C1XXX-12IAD Arkusz danych(PDF) 7 Page - TEMIC Semiconductors

Numer części TSC8051C1XXX-12IAD
Szczegółowy opis  8-Bit Microcontroller for Digital Computer Monitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEMIC [TEMIC Semiconductors]
Strona internetowa  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC8051C1XXX-12IAD Arkusz danych(HTML) 7 Page - TEMIC Semiconductors

Back Button TSC8051C1XXX-12IAD Datasheet HTML 3Page - TEMIC Semiconductors TSC8051C1XXX-12IAD Datasheet HTML 4Page - TEMIC Semiconductors TSC8051C1XXX-12IAD Datasheet HTML 5Page - TEMIC Semiconductors TSC8051C1XXX-12IAD Datasheet HTML 6Page - TEMIC Semiconductors TSC8051C1XXX-12IAD Datasheet HTML 7Page - TEMIC Semiconductors TSC8051C1XXX-12IAD Datasheet HTML 8Page - TEMIC Semiconductors TSC8051C1XXX-12IAD Datasheet HTML 9Page - TEMIC Semiconductors TSC8051C1XXX-12IAD Datasheet HTML 10Page - TEMIC Semiconductors TSC8051C1XXX-12IAD Datasheet HTML 11Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TSC8051C1
Rev. D (14 Jan. 97)
7
MATRA MHS
6.1.2. Power Down Mode
The instruction that sets PCON.1 is the last executed
prior to entering power down. Once in power down, the
oscillator is stopped. The contents of the onchip RAM
and the Special Function Register are saved during
power down mode. A hardware reset is the only way of
exiting the power down mode. The hardware reset
initiates the Special Function Register. In the Power
Down mode, VCC may be lowered to minimize circuit
power consumption. Care must be taken to ensure the
voltage is not reduced until the power down mode is
entered, and that the voltage is restored before the
hardware reset is applied which frees the oscillator.
Reset should not be released until the oscillator has
restarted and stabilized. Table 1 describes the status of
the external pins while in the power down mode. It
should be noted that if the power down mode is activated
while in external program memory, the port data that is
held in the Special Function Register P2 is restored to
Port 2. If the data is a 1, the port pin is held high during
the power down mode by the strong pullup transistor.
Table 1. Status of the external pins during Idle and Power Down modes.
Mode
Program
Memory
ALE
PSEN
Port 0
Port 1
Port 2
Port 3
PWMx
Idle
Internal
1
1
Port Data
Port Data
Port Data
Port Data
Floating
Idle
External
1
1
Floating
Port Data
Address
Port Data
Floating
Power Down
Internal
0
0
Port Data
Port Data
Port Data
Port Data
Floating
Power Down
External
0
0
Floating
Port Data
Port Data
Port Data
Floating
6.2. Stop Clock Mode
Due to static design, the TSC8051C1 clock speed can be
reduced down to 0 MHz without any data loss in memory
or register. This mode allows step by step code
execution, and permits to reduce system power
consumption by bringing the clock frequency down to
any value. When the clock is stopped, the power
consumption is the same as in the Power Down Mode.
6.3. I/O Ports Structure
The TSC8051C1 has four 8–bit ports. Each port consist
of a latch (special function register P0 to P3), an input
buffer and an output driver. These ports are the same as
in 80C51, with the exception of the additional functions
of port 1 and port 3 (see Pin Description section).
6.4. I/O Configurations
Figure 4. shows a functional diagram of the generic bit
latch and I/O buffer in each of the four ports. The bit
latch, (one bit in the port SFR) is represented as a D type
flip–flop. A ‘write to latch’ signal from the CPU latches
a bit from the internal bus and a ‘read latch’ signal from
the CPU places the Q output of the flip–flop on the
internal bus. A ‘read pin’ signal from the CPU places the
actual pin logical level on the internal bus.
Some instructions that read a port read the actual pin,
and other instructions read the latch (SFR).


Podobny numer części - TSC8051C1XXX-12IAD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEMIC Semiconductors
TSC8051C2 TEMIC-TSC8051C2 Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C2XXX12CAB TEMIC-TSC8051C2XXX12CAB Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C2XXX12CAD TEMIC-TSC8051C2XXX12CAD Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C2XXX12CAR TEMIC-TSC8051C2XXX12CAR Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C2XXX12CBB TEMIC-TSC8051C2XXX12CBB Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
More results

Podobny opis - TSC8051C1XXX-12IAD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEMIC Semiconductors
TSC8051C2 TEMIC-TSC8051C2 Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
ML610Q793 ETC2-ML610Q793 Datasheet
527Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
LAPIS Semiconductor Co....
ML610Q793 LAPIS-ML610Q793 Datasheet
444Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com