Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AUC16374 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AUC16374
Szczegółowy opis  16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC16374 Arkusz danych(HTML) 3 Page - Texas Instruments

  SN74AUC16374 Datasheet HTML 1Page - Texas Instruments SN74AUC16374 Datasheet HTML 2Page - Texas Instruments SN74AUC16374 Datasheet HTML 3Page - Texas Instruments SN74AUC16374 Datasheet HTML 4Page - Texas Instruments SN74AUC16374 Datasheet HTML 5Page - Texas Instruments SN74AUC16374 Datasheet HTML 6Page - Texas Instruments SN74AUC16374 Datasheet HTML 7Page - Texas Instruments SN74AUC16374 Datasheet HTML 8Page - Texas Instruments SN74AUC16374 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74AUC16374
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCES403D – JULY 2002 – REVISED JUNE 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
3.6
V
VI
Input voltage range(2)
–0.5
3.6
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
3.6
V
VO
Output voltage range(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±20
mA
Continuous current through VCC or GND
±100
mA
DGG package
70
θ
JA
Package thermal impedance(3)
DGV package
58
°C/W
GQL package
42
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
0.8
2.7
V
VCC = 0.8 V
VCC
VIH
High-level input voltage
VCC = 1.1 V to 1.95 V
0.65 × VCC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 0.8 V
0
VIL
Low-level input voltage
VCC = 1.1 V to 1.95 V
0.35 × VCC
V
VCC = 2.3 V to 2.7 V
0.7
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 0.8 V
–0.7
VCC = 1.1 V
–3
IOH
High-level output current
VCC = 1.4 V
–5
mA
VCC = 1.65 V
–8
VCC = 2.3 V
–9
VCC = 0.8 V
0.7
VCC = 1.1 V
3
IOL
Low-level output current
VCC = 1.4 V
5
mA
VCC = 1.65 V
8
VCC = 2.3 V
9
∆t/∆v
Input transition rise or fall rate
20
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3


Podobny numer części - SN74AUC16374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUC16374 TI1-SN74AUC16374 Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374DGGR TI1-SN74AUC16374DGGR Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374DGVR TI1-SN74AUC16374DGVR Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374ZQLR TI1-SN74AUC16374ZQLR Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374 TI1-SN74AUC16374_14 Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74AUC16374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374A TI1-SN74LVC16374A_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74LVCH16374A TI-SN74LVCH16374A_04 Datasheet
300Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16374 PERICOM-PI74ALVCH16374 Datasheet
337Kb / 5P
   16-Bit Edge Triggered D-Type Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74ACT16374Q-EP TI-SN74ACT16374Q-EP Datasheet
134Kb / 8P
[Old version datasheet]   16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A Datasheet
333Kb / 15P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com