Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS820E32Q-117 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części GS820E32Q-117
Szczegółowy opis  2M Synchronous Burst SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

GS820E32Q-117 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  GS820E32Q-117 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Rev: 1.03 2/2000
3/23
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
D
GS820E32T/Q-150/138/133/117/100/66
TQFP Pin Description
E
Pin Location
Symbol
Type
Description
37, 36
A0, A1
I
Address field LSB’s and Address Counter preset Inputs
35, 34, 33, 32, 100, 99, 82, 81, 44, 45,
46, 47, 48, 49
A2-15
I
Address Inputs
52, 53, 56, 57, 58, 59, 62, 63
68, 69, 72, 73, 74, 75, 78, 79
2, 3, 6, 7, 8, 9, 12, 13
18, 19, 22, 23, 24, 25, 28, 29
DQA1-DQA8
DQB1-DQB8
DQC1-DQC8
DQD1-DQD8
I/O
Data Input and Output pins.
16, 38, 39, 42, 43, 66, 50, 51, 80, 1, 30
NC
No Connect
87
BW
I
Byte Write. Writes all enabled bytes. Active Low.
93, 94
BA, BB
I
Byte Write Enable for DQA, DQB Data I/O’s. Active Low.
95, 96
BC, BD
I
Byte Write Enable for DQC, DQD Data I/O’s. Active Low.
89
CK
I
Clock Input Signal. Active High.
88
GW
I
Global Write Enable. Writes all bytes. Active Low.
98, 92
E1, E3
I
Chip Enable. Active Low.
97
E2
I
Chip Enable. Active High.
86
G
I
Output Enable. Active Low.
83
ADV
I
Burst address counter advance enable. Active Low.
84, 85
ADSP, ADSC
I
Address Strobe (Processor, Cache Controller). Active Low.
64
ZZ
I
Sleep Mode control. Active High.
14
FT
I
Flow Through or Pipeline mode. Active Low.
31
LBO
I
Linear Burst Order mode. Active Low.
15, 41, 65, 91
VDD
I
Core power supply.
5,10,17, 21, 26, 40, 55, 60, 67, 71, 76, 90
VSS
I
I/O and Core Ground.
4, 11, 20, 27, 54, 61, 70, 77
VDDQ
I
Output driver power supply.


Podobny numer części - GS820E32Q-117

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS820E32AGT-133 GSI-GS820E32AGT-133 Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-133I GSI-GS820E32AGT-133I Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-166 GSI-GS820E32AGT-166 Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-166I GSI-GS820E32AGT-166I Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-180 GSI-GS820E32AGT-180 Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
More results

Podobny opis - GS820E32Q-117

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
GSI Technology
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
Alliance Semiconductor ...
AS7C332MPFD18A ALSC-AS7C332MPFD18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C252MPFS18A ALSC-AS7C252MPFS18A Datasheet
507Kb / 18P
   2.5V 2M x 18 pipelined burst synchronous SRAM
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C252MPFD18A ALSC-AS7C252MPFD18A Datasheet
507Kb / 18P
   2.5V 2M x 18 pipelined burst synchronous SRAM
logo
White Electronic Design...
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
logo
Samsung semiconductor
K7B403625M SAMSUNG-K7B403625M Datasheet
439Kb / 16P
   128Kx36-Bit Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com