Zakładka z wyszukiwarką danych komponentów |
|
GS8161Z36T-250T Arkusz danych(PDF) 4 Page - GSI Technology |
|
GS8161Z36T-250T Arkusz danych(HTML) 4 Page - GSI Technology |
4 / 36 page GS8161Z18(T/D)/GS8161Z32(D)/GS8161Z36(T/D) Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 2.15 11/2004 4/36 © 1998, GSI Technology 100-Pin TQFP Pin Descriptions Symbol Type Description A0, A1 In Burst Address Inputs; Preload the burst counter A In Address Inputs CK In Clock Input Signal BA In Byte Write signal for data inputs DQA1–DQA9; active low BB In Byte Write signal for data inputs DQB1–DQB9; active low BC In Byte Write signal for data inputs DQC1–DQC9; active low BD In Byte Write signal for data inputs DQD1–DQD9; active low W In Write Enable; active low E1 In Chip Enable; active low E2 In Chip Enable—Active High. For self decoded depth expansion E3 In Chip Enable—Active Low. For self decoded depth expansion G In Output Enable; active low ADV In Advance/Load; Burst address counter control pin CKE In Clock Input Buffer Enable; active low NC — No Connect DQA I/O Byte A Data Input and Output pins DQB I/O Byte B Data Input and Output pins DQC I/O Byte C Data Input and Output pins DQD I/O Byte D Data Input and Output pins TMS I Scan Test Mode Select TDI I Scan Test Data In TDO O Scan Test Data Out TCK I Scan Test Clock ZZ In Power down control; active high FT In Pipeline/Flow Through Mode Control; active low LBO In Linear Burst Order; active low. VDD In Core power supply VSS In Ground VDDQ In Output driver power supply |
Podobny numer części - GS8161Z36T-250T |
|
Podobny opis - GS8161Z36T-250T |