Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3100D2RGZR Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3100D2RGZR
Szczegółowy opis  20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3100D2RGZR Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPA3100D2RGZR Datasheet HTML 7Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 8Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 9Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 10Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 11Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 12Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 13Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 14Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.ti.com
PO − Output Power (Per Channel) − W
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
18
20
RL = 8 W
Gain = 32 dB
VCC = 24 V
V
= 18 V
CC
VCC = 12 V
PO − Output Power (Per Channel) − W
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14 15
RL = 4 Ω
Gain = 32 dB
VCC = 12 V
PO − Total Output Power − W
0
0.5
1
1.5
2
2.5
0
10
20
30
40
RL = 8 Ω
Gain = 20 dB
VCC = 24 V
VCC = 12 V
VCC = 18 V
Power Represented by
Dash Lines May Require
More Heatsinking.
PO − Total Output Power − W
0
0.5
1
1.5
2
2.5
3
3.5
0
10
20
30
40
R
Gain = 20 dB
L = 4 Ω
VCC = 12 V
Power Represented by
Dash Lines May Require
More Heatsinking.
TPA3100D2
SLOS469B – OCTOBER 2005 – REVISED OCTOBER 2005
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 13.
Figure 14.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
TOTAL OUTPUT POWER
TOTAL OUTPUT POWER
Figure 15.
Figure 16.
11


Podobny numer części - TPA3100D2RGZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3100D2RGZR TI-TPA3100D2RGZR Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZR TI1-TPA3100D2RGZR Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZR-P TI-TPA3100D2RGZR-P Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZRG4 TI-TPA3100D2RGZRG4 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZRG4 TI1-TPA3100D2RGZRG4 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA3100D2RGZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI-TPA3100D2_07 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2100 EUTECH-EUA2100 Datasheet
172Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com