Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG936BRU-REEL Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADG936BRU-REEL
Szczegółowy opis  Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG936BRU-REEL Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADG936BRU-REEL Datasheet HTML 2Page - Analog Devices ADG936BRU-REEL Datasheet HTML 3Page - Analog Devices ADG936BRU-REEL Datasheet HTML 4Page - Analog Devices ADG936BRU-REEL Datasheet HTML 5Page - Analog Devices ADG936BRU-REEL Datasheet HTML 6Page - Analog Devices ADG936BRU-REEL Datasheet HTML 7Page - Analog Devices ADG936BRU-REEL Datasheet HTML 8Page - Analog Devices ADG936BRU-REEL Datasheet HTML 9Page - Analog Devices ADG936BRU-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG936/ADG936-R
Rev. 0 | Page 6 of 16
TERMINOLOGY
Table 5.
Parameter
Description
VDD
Most Positive Power Supply Potential.
IDD
Positive Supply Current.
GND
Ground (0 V) Reference.
INx
Logic Control Input.
VINL
Maximum Input Voltage for Logic 0.
VINH
Minimum Input Voltage for Logic 1.
IINL (IINH)
Input Current of the Digital Input.
CIN
Digital Input Capacitance.
tON
Delay between Applying the Digital Control Input and the Output Switching On.
tOFF
Delay between Applying the Digital Control Input and the Output Switching Off.
tRISE
Rise Time. Time for the RF signal to rise from 10% of the On level to 90% of the On level.
tFALL
Fall Time. Time for the RF signal to fall from 90% of the On level to 10% of the On level.
Off Isolation
The Attenuation between Input and Output Ports of the Switch when the Switch Control Voltage Is in the Off Condition.
Insertion Loss
The Attenuation between Input and Output Ports of the Switch when the Switch Control Voltage Is in the On Condition.
Crosstalk
Measure of Unwanted Signal Coupled through from One Channel to Another as a Result of Parasitic Capacitance.
P–1 dB
1 dB Compression Point. The RF input power level at which the switch insertion loss increases by 1 dB over its low level
value. P–1 dB is a measure of how much power the On switch can handle before the insertion loss increases by 1 dB.
IP3
Third-Order Intermodulation Intercept. This is a measure of the power in false tones that occurs when closely spaced
tones are passed through a switch, whereby the nonlinearity of the switch causes these false tones to be generated.
Return Loss
The Amount of Reflected Power Relative to the Incident Power at a Port. Large return loss indicates good matching. By
measuring return loss, the VSWR can be calculated from conversion charts. VSWR (voltage standing wave ratio) indicates
the degree of matching present at a switch RF port.
Video
Feedthrough
Spurious Signals Present at the RF Ports of the Switch when the Control Voltage Is Switched from High to Low or Low to
High without an RF Signal Present.


Podobny numer części - ADG936BRU-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG936R AD-ADG936R_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG936 AD-ADG936_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
More results

Podobny opis - ADG936BRU-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG936 AD-ADG936_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG936R AD-ADG936R_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904BRUZ AD-ADG904BRUZ Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com