Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L6006D6 Arkusz danych(PDF) 7 Page - Littelfuse

Numer części L6006D6
Szczegółowy opis  Sensitive Triacs (0.8 A to 8 A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6006D6 Arkusz danych(HTML) 7 Page - Littelfuse

  L6006D6 Datasheet HTML 1Page - Littelfuse L6006D6 Datasheet HTML 2Page - Littelfuse L6006D6 Datasheet HTML 3Page - Littelfuse L6006D6 Datasheet HTML 4Page - Littelfuse L6006D6 Datasheet HTML 5Page - Littelfuse L6006D6 Datasheet HTML 6Page - Littelfuse L6006D6 Datasheet HTML 7Page - Littelfuse L6006D6 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheets
Sensitive Triacs
©2004 Littelfuse, Inc.
E1 - 7
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E1.3 Maximum Allowable Case Temperature versus
On-state Current (4 A, 6 A, and 8 A)
Figure E1.4 On-state Current versus On-state Voltage (Typical)
Figure E1.5 Normalized DC Holding Current versus Case Temperature
Figure E1.6 Normalized DC Gate Trigger Voltage for All Quadrants
versus Case Temperature
Figure E1.7 Normalized DC Gate Trigger Current for All Quadrants
versus Case Temperature
Figure E1.8 Turn-on Time versus Gate Trigger Current (Typical)
01
2
3
4
5
6
7
8
60
65
70
75
80
85
90
95
100
105
110
RMS On-State Current [IT(RMS)] - Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawings
4 A TYPE 1 and 3 TO-202
4 A TO-220 (Isolated)
4 A TO-252
8 A
TO-220
(Isolated)
6 A
TO-220
(Isolated)
4 A TYPE 2 and 4 TO-202
4 A TO-251
8 A
TO-251
and
TO-252
6 A TO-251
6 A TO-252
0
0.5
0.8
1.0
1.2
1.4
1.6
1.8
0
2
4
6
8
10
12
14
16
18
20
Positive or Negative Instantaneous
On-state Voltage (vT) - Volts
1 A
4 A
6 A and 8 A
T
C = 25 ˚ C
0.8 A
-40
-15
+25
+65
+110 +125
0
1.0
2.0
3.0
4.0
-65
Case Temperature (TC) - ˚C
INITIAL ON-STATE CURRENT
= 100 mA (DC) 0.8 - 4 A Devices
= 200 mA (DC) 6 - 8 A Devices
-65
-40
-15
+65
+110 +125
+25
0
.5
1.0
1.5
2.0
Case Temperature (TC) - ˚ C
-65
-40
-15
+65
+110 +125
+25
0
1.0
2.0
3.0
4.0
Case Temperature (TC) - ˚C
12
3
4
6
5
8
10
20
30
40
60
80 100
I
GT
= 5 mA MAX
I
GT
= 10 mA MAX
I
GT
= 20 mA
MAX
I
GT
= 3 mA MAX
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
DC Gate Trigger Current (IGT) - mA
TC = 25 ˚C


Podobny numer części - L6006D6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Teccor Electronics
L6006D6 TECCOR-L6006D6 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
L6006D6 TECCOR-L6006D6 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6006D6 LITTELFUSE-L6006D6 Datasheet
176Kb / 8P
   Sensitive Triacs
L6006D6 LITTELFUSE-L6006D6 Datasheet
176Kb / 8P
   RoHS Compliant
logo
Inchange Semiconductor ...
L6006D6 ISC-L6006D6 Datasheet
390Kb / 2P
   isc Triacs
More results

Podobny opis - L6006D6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
Q2X8E3 LITTELFUSE-Q2X8E3 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
STMicroelectronics
T810H STMICROELECTRONICS-T810H Datasheet
124Kb / 10P
   High temperature 8 A sensitive TRIACs
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P0109AL-5AA4 STMICROELECTRONICS-P0109AL-5AA4 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
   0.8 A sensitive gate SCRs
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
   0.8 A sensitive gate SCR
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
   Sensitive high immunity SCRs up to 0.8 A
Rev 1 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com