Zakładka z wyszukiwarką danych komponentów |
|
SL0902A230 Arkusz danych(PDF) 2 Page - Littelfuse |
|
SL0902A230 Arkusz danych(HTML) 2 Page - Littelfuse |
2 / 2 page 324 www .littelfuse .com 8 Nominal On-State Voltage @ 1A (V) 20 20 20 20 Holdover Voltage(3) (V) 50 50 50 50 High Performance Beta Range LITTELFUSE 2 TERMINAL MINI ARRESTER SERIES TOTALLY NON-RADIOACTIVE, UL RECOGNIZED Notes: (1) At delivery AQL 0.65 level II, DIN ISO 2869 (2) In ionized mode (3) Tested according to ITU-T Rec.K12 (4) 10 shots, A.C. 60Hz, 1sec. duration (5) 10 shots, 8/20µs wave form per IEC 61000-4-5 (6) Measured @ 100V (7) Pending UL approval Greentube™ SL0902 Series Gas Plasma Arresters Part Number SL0902A090 SL0902A230 SL0902A350 SL0902A420 (7) DC breakover Voltage @ 2KV/sec(1,2) 72-108 184-276 280-420 350-504 Max Dynamic Breakover Voltage @ 100V/ µs (Vbr) 300 400 550 675 Max Dynamic Breakover Voltage @ 1 kV/ µs (Vbr) 550 500 650 800 AC Discharge Current(4) (A) 2.5 2.5 2.5 2.5 Impulse Discharge Current(5) (KA) 2.5 2.5 2.5 2.5 Insulation Resistance(6) (Ohms) 1x109 1x109 1x109 1x109 Max Capacitance (pF) 1.5 1.5 1.5 1.5 Time (ns) 0 200 400 600 800 1000 1200 Max dynamic breakover voltage Hold-over voltage On-State voltage Voltage vs Time Characteristic ® Pb RoHS 0.59 0.6 0.61 0.62 0.63 0.64 0.65 0.66 5 volts 0 volts 15 volts 35 volts 25 volts Temperature (˚C ) @ bias voltage Bias Voltage -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 Capacitance vs. Temperature @ Various Bias Voltages |
Podobny numer części - SL0902A230 |
|
Podobny opis - SL0902A230 |