Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLD10-018 Arkusz danych(PDF) 2 Page - Littelfuse

Numer części SLD10-018
Szczegółowy opis  Silicon Avalanche Diodes - Axial Leaded High Power Automotive Transient Voltage Suppressors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SLD10-018 Arkusz danych(HTML) 2 Page - Littelfuse

  SLD10-018 Datasheet HTML 1Page - Littelfuse SLD10-018 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Silicon Avalanche Diodes
306
www .littelfuse .com
Axial Leaded High Power Automotive Transient Voltage Suppressors
SLD™ Series
Package Outline Dimensions
0.360 (9.1)
0.340 (8.6)
DIA.
1.0 (25.4)
MIN.
0.360 (9.1)
0.340 (8.6)
1.0 (25.4)
MIN.
0.052 (1.32)
0.048 (1.22)
DIA.
Case Style P600
Dimensions in inches and (millimeters)
Characteristics @25˚C case temp (unless otherwise noted)
Note 3. Using 100µS / 150mS pulse as defined by ISO7637/2 pulse #5.
Please note, U suffix denotes uni-directional.
BI
SLD16-018
SLD24-018
SLD10-018
3 x SLD 10U
in series
Working
voltage
(Vr)
volts
16
24
10
30
Breakover
Voltage (bv) @It
min
max
It
volts
volts mA
18.0
22.0
1.0
25.0
30.0
1.0
11.8
13.0
5.0
35.4
39.0
5.0
Maximum
leakage
current
(Ir) @ Vr
µA
10.0
10.0
10.0
10.0
UNI
SLD16U-017
SLD24U-017
SLD10U-017
Part Number
RoHS


Podobny numer części - SLD10-018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
SLD10-018 LITTELFUSE-SLD10-018 Datasheet
132Kb / 4P
   Transient Voltage Suppression Diodes
SLD10-018-B LITTELFUSE-SLD10-018-B Datasheet
132Kb / 4P
   Transient Voltage Suppression Diodes
More results

Podobny opis - SLD10-018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
SA5.0A LITTELFUSE-SA5.0A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
1N56 LITTELFUSE-1N56 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
BZW04P6V8 SUNMATE-BZW04P6V8 Datasheet
509Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
Littelfuse
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com