Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL1122A450 Arkusz danych(PDF) 1 Page - Littelfuse

Numer części SL1122A450
Szczegółowy opis  Gas Discharge Tubes - High Performance Alpha Range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1122A450 Arkusz danych(HTML) 1 Page - Littelfuse

  SL1122A450 Datasheet HTML 1Page - Littelfuse SL1122A450 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
347
www .littelfuse .com
8
Gas Discharge Tubes
High Performance Alpha Range
ORDERING INFORMATION
1122 A
Voltage
SL
All dimensions in mm
3 ELECTRODE GDT
a=TIP
b=RING
e=GROUND
(centre electrode)
GRAPHICAL SYMBOL
a
b
e
Greentube™ SL1122A Series Hybrid Gas Plasma Arresters
The SL1122 series Hybrid features a high performance Alpha Gas
Plasma Tube in conjunction with a high speed Silicon Avalanche
Diode ( SAD ). These devices are matched so that High speed
pulses are initially clamped by the SAD, then as the current rises,
the transient energy is switched through the Gas Tube. The
Hybrid offers high levels of performance on fast rising transients
in the domain of 100V/µS to 10 KV/µS, so eliminates the dv/dt
switching delay normally exhibited by standard GDT’s. These
devices are extremely robust and are able to divert a 10,000Amp
pulse without destruction, so are ideal for central office ( tele-
phone exchange ) protection.
FEATURES
RoHs Compliant
Excellent response to fast rising transients.
Flat response up to 10KV/µS.
10KA surge capability tested with 8/20µS pulse as defined by
IEC 61000-4-5
SAD ensures short circuit failure mode in the event of severe
transient overload.
Thermal failsafe.
Applications:
MDF protection
Alarm panels.
ADSL equipment.
XDSL equipment.
General Telecom Equipment
Mechanical Specifications:
Weight:
2.7g (0.095 oz.)
Materials:
Electrode Base: Nickel Iron Alloy
Electrode Plating: Bright Sn
Body: Ceramic
Device Marking:
Littelfuse ‘LF’ logo, voltage and date code
®
RoHS


Podobny numer części - SL1122A450

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lumins Inc.
SL112 LUMINIS-SL112 Datasheet
210Kb / 2P
   One piece cast aluminum cage
More results

Podobny opis - SL1122A450

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
SL1002A090 LITTELFUSE-SL1002A090 Datasheet
217Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
HV275A LITTELFUSE-HV275A Datasheet
80Kb / 2P
   Gas Discharge Tubes - High Performance Beta Range
SL1011A LITTELFUSE-SL1011A Datasheet
177Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
SL1021A LITTELFUSE-SL1021A Datasheet
272Kb / 4P
   Gas Discharge Tubes - High Performance Beta Range
SL1024B LITTELFUSE-SL1024B Datasheet
202Kb / 3P
   Gas Discharge Tubes - Omega Range
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com