Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ40CA Arkusz danych(PDF) 1 Page - Littelfuse

Numer części SMAJ40CA
Szczegółowy opis  Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMAJ40CA Arkusz danych(HTML) 1 Page - Littelfuse

  SMAJ40CA Datasheet HTML 1Page - Littelfuse SMAJ40CA Datasheet HTML 2Page - Littelfuse SMAJ40CA Datasheet HTML 3Page - Littelfuse SMAJ40CA Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
CATALOG
& DESIGN
GUIDE
Transient Voltage Suppression
(TVS) Diode Products
DIODE


Podobny numer części - SMAJ40CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bytes
SMAJ40CA BYTES-SMAJ40CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMAJ40CA UMW-SMAJ40CA Datasheet
783Kb / 4P
   5.0V-188V 400W
logo
Diodes Incorporated
SMAJ40CA DIODES-SMAJ40CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMAJ40CA DIOTECH-SMAJ40CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SiPower Inc.
SMAJ40CA SIPOWER-SMAJ40CA Datasheet
917Kb / 4P
   Surface Mount Transient Voltage Suppressors
More results

Podobny opis - SMAJ40CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
P4SMA6.8A LITTELFUSE-P4SMA6.8A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
SMCJ5.0A LITTELFUSE-SMCJ5.0A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
P6SMBJ6V8 LITTELFUSE-P6SMBJ6V8 Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
SMBJ5.0 LITTELFUSE-SMBJ5.0 Datasheet
326Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
1KSMBJ LITTELFUSE-1KSMBJ Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com