Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H121 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC10H121
Szczegółowy opis  4-WIDE OR-AND / OR-AND GATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H121 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC10H121 Datasheet HTML 1Page - ON Semiconductor MC10H121 Datasheet HTML 2Page - ON Semiconductor MC10H121 Datasheet HTML 3Page - ON Semiconductor MC10H121 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10H121
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
–8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current — Continuous
— Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range — Plastic
— Ceramic
–55 to +150
–55 to +165
°C
°C
ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5%) (See Note 1.)
0
°
25
°
75
°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
29
26
29
mA
IinH
Input Current High
Pins 3, 4, 5, 6, 7, 9
11, 12, 13, 14, 15
Pin 10
500
610
295
360
295
360
µA
IinL
Input Current Low
0.5
0.5
0.3
µA
VOH
High Output Voltage
–1.02
–0.84
–0.98
–0.81
–0.92
–0.735
Vdc
VOL
Low Output Voltage
–1.95
–1.63
–1.95
–1.63
–1.95
–1.60
Vdc
VIH
High Input Voltage
–1.17
–0.84
–1.13
–0.81
–1.07
–0.735
Vdc
VIL
Low Input Voltage
–1.95
–1.48
–1.95
–1.48
–1.95
–1.45
Vdc
AC PARAMETERS
tpd
Propagation Delay
Pin 10 Only
Exclude Pin 10
0.45
0.55
1.8
1.95
0.45
0.6
1.8
2.0
0.55
0.7
2.2
2.4
ns
tr
Rise Time
0.5
1.7
0.5
1.8
0.5
1.9
ns
tf
Fall Time
0.5
1.7
0.5
1.8
0.5
1.9
ns
1. Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 Iinear fpm is
maintained. Outputs are terminated through a 50–ohm resistor to –2.0 volts.


Podobny numer części - MC10H121

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H121 ONSEMI-MC10H121 Datasheet
151Kb / 6P
   4?뭌ide OR?묨ND/OR?묨ND Gate
February, 2006 ??Rev. 8
MC10H121FN ONSEMI-MC10H121FN Datasheet
151Kb / 6P
   4?뭌ide OR?묨ND/OR?묨ND Gate
February, 2006 ??Rev. 8
MC10H121FNG ONSEMI-MC10H121FNG Datasheet
151Kb / 6P
   4?뭌ide OR?묨ND/OR?묨ND Gate
February, 2006 ??Rev. 8
MC10H121FNR2 ONSEMI-MC10H121FNR2 Datasheet
151Kb / 6P
   4?뭌ide OR?묨ND/OR?묨ND Gate
February, 2006 ??Rev. 8
MC10H121FNR2G ONSEMI-MC10H121FNR2G Datasheet
151Kb / 6P
   4?뭌ide OR?묨ND/OR?묨ND Gate
February, 2006 ??Rev. 8
More results

Podobny opis - MC10H121

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10121 ONSEMI-MC10121 Datasheet
101Kb / 5P
   4-Wide OR-AND/OR-AND Gate
1996 REV 5
MC10121 ONSEMI-MC10121_02 Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
logo
National Semiconductor ...
54LS54 NSC-54LS54 Datasheet
52Kb / 2P
   4-WIDE, 2-INPUT AND-OR-INVERT GATE
DM74LS54 NSC-DM74LS54 Datasheet
109Kb / 6P
   4-WIDE, 2-Input AND-OR-INVERT Gate
logo
Motorola, Inc
SN54LS55 MOTOROLA-SN54LS55 Datasheet
46Kb / 2P
   2-WIDE 4-INPUT AND-OR-INVERT GATE
logo
NXP Semiconductors
HEF4086B PHILIPS-HEF4086B Datasheet
41Kb / 5P
   4-wide 2-input AND-OR-invert gate
January 1995
logo
National Semiconductor ...
DM74LS55 NSC-DM74LS55 Datasheet
112Kb / 6P
   2-Wide, 4-Input AND-OR-INVERT Gate
logo
ON Semiconductor
MC10117 ONSEMI-MC10117 Datasheet
104Kb / 5P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
1996 REV 5
MC10H117 ONSEMI-MC10H117 Datasheet
96Kb / 3P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
1996 REV 5
MC10117 ONSEMI-MC10117_02 Datasheet
109Kb / 8P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com