Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HA-5221883 Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części HA-5221883
Szczegółowy opis  Low Noise, Wideband, Precision Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5221883 Arkusz danych(HTML) 2 Page - Intersil Corporation

  HA-5221883 Datasheet HTML 1Page - Intersil Corporation HA-5221883 Datasheet HTML 2Page - Intersil Corporation HA-5221883 Datasheet HTML 3Page - Intersil Corporation HA-5221883 Datasheet HTML 4Page - Intersil Corporation HA-5221883 Datasheet HTML 5Page - Intersil Corporation HA-5221883 Datasheet HTML 6Page - Intersil Corporation HA-5221883 Datasheet HTML 7Page - Intersil Corporation HA-5221883 Datasheet HTML 8Page - Intersil Corporation HA-5221883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
HA-5221/883
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . 36V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Peak Output Current (Pulsed at 1ms, 10% Duty Cycle). . . . . 100mA
Continuous Output Current. . . . . . . . . . . . . . Short Circuit Protected
Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Storage Temperature Range . . . . . . . . . . . . . . . . . -65
oC to +150oC
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Lead Temperature (Soldering 10s). . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance
θ
JA
θ
JC
CerDIP Package . . . . . . . . . . . . . . . . . . .
110oC/W
27oC/W
Ceramic LCC Package . . . . . . . . . . . . . .
64oC/W
13oC/W
Metal Can Package . . . . . . . . . . . . . . . . .
148
oC/W
67
oC/W
Package Power Dissipation Limit at +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.91W
Ceramic LCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.56W
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.68W
Package Power Dissipation Derating Factor Above +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9.1mW/
oC
Ceramic LCC Package . . . . . . . . . . . . . . . . . . . . . . . . 15.6mW/oC
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.8mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range. . . . . . . . . . . . . . . . -55
oC to +125oC
Operating Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . ±10V to ±15V
VINCM ≤ 1/2 (V+ - V-)
RL ≥ 1kΩ
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: VSUPPLY = ±15V, RLOAD = 1kΩ, VOUT = 0V, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Offset Voltage
VIO
VCM = 0V
1
+25
oC
-0.75
0.75
mV
2, 3
+125oC, -55oC-1.5
1.5
mV
Input Bias Current
+IB
VCM = 0V,
+RS = 100.1kΩ,
-RS = 100Ω
1+25oC
-80
80
nA
2, 3
+125
oC, -55oC
-200
200
nA
-IB
VCM = 0V, +RS = 100Ω,
-RS = 100.1kΩ
1+25oC
-80
80
nA
2, 3
+125
oC, -55oC
-200
200
nA
Input Offset Current
IIO
VCM = 0V,
+RS = 100.1kΩ,
-RS = 100.1kΩ
1+25oC
-50
50
nA
2, 3
+125oC, -55oC
-150
150
nA
Common Mode Range
+CMR
V+ = +3V, V- = -27V
1
+25oC12
-
V
2, 3
+125oC, -55oC12
-
V
-CMR
V+ = +27V, V- = -3V
1
+25
oC-
-12
V
2, 3
+125oC, -55oC-
-12
V
Large Signal Voltage
Gain
+AVOL
VOUT = 0V and +10V
4
+25oC106
-
dB
5, 6
+125
oC, -55oC100
-
dB
-AVOL
VOUT = 0V and -10V
4
+25oC106
-
dB
5, 6
+125oC, -55oC100
-
dB
Common Mode
Rejection Ratio
+CMRR
∆V
CM = +10V,
V+ = +5V, V- = -25V,
VOUT = -10V
1+25
oC88
-
dB
2, 3
+125oC, -55oC86
-
dB
-CMRR
∆V
CM = -10V,
V+ = +25V, V- = -5V,
VOUT = +10V
1+25
oC88
-
dB
2, 3
+125oC, -55oC86
-
dB
Output Voltage Swing
+VOUT
RL = 1kΩ
4+25
oC12.0
-
V
5, 6
+125oC, -55oC11.5
-
V
-VOUT
RL = 1kΩ
4+25oC-
-12.0
V
5, 6
+125
oC, -55oC-
-11.5
V


Podobny numer części - HA-5221883

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221 Datasheet
700Kb / 12P
   100MHz, Low Noise, Precision Operational Amplifier
April 2000
HA-5221 INTERSIL-HA-5221 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
logo
Renesas Technology Corp
HA-5221 RENESAS-HA-5221 Datasheet
1Mb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
May 2003
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
More results

Podobny opis - HA-5221883

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA621 BURR-BROWN-OPA621 Datasheet
193Kb / 16P
   Wideband Precision OPERATIONAL AMPLIFIER
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
[Old version datasheet]   Ultra Low Noise Wideband Operational Amplifier
logo
Analog Devices
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com