Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4851-1YRJZ-RL7 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADA4851-1YRJZ-RL7
Szczegółowy opis  Low Cost, High Speed, Rail-to-Rail Output Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1YRJZ-RL7 Arkusz danych(HTML) 3 Page - Analog Devices

  ADA4851-1YRJZ-RL7 Datasheet HTML 1Page - Analog Devices ADA4851-1YRJZ-RL7 Datasheet HTML 2Page - Analog Devices ADA4851-1YRJZ-RL7 Datasheet HTML 3Page - Analog Devices ADA4851-1YRJZ-RL7 Datasheet HTML 4Page - Analog Devices ADA4851-1YRJZ-RL7 Datasheet HTML 5Page - Analog Devices ADA4851-1YRJZ-RL7 Datasheet HTML 6Page - Analog Devices ADA4851-1YRJZ-RL7 Datasheet HTML 7Page - Analog Devices ADA4851-1YRJZ-RL7 Datasheet HTML 8Page - Analog Devices ADA4851-1YRJZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. C | Page 3 of 20
SPECIFICATIONS
SPECIFICATIONS WITH +3 V SUPPLY
TA = 25°C, RF = 0 Ω for G = +1, RF = 1 kΩ for G > +1, RL = 1 kΩ, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VO = 0.1 V p-p
104
130
MHz
G = +1, VO = 0.5 V p-p
80
105
MHz
G = +2, VO = 1.0 V p-p, RL = 150 Ω
40
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 1 V p-p, RL = 150 Ω
15
MHz
Slew Rate
G = +2, VO = 1 V step
100
V/μs
Settling Time to 0.1%
G = +2, VO = 1 V step, RL = 150 Ω
50
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion (dBc) HD2/HD3
fC = 1 MHz, VO = 1 V p-p, G = −1
−73/−79
dBc
Input Voltage Noise
f = 100 kHz
10
nV/√Hz
Input Current Noise
f = 100 kHz
2.5
pA/√Hz
Differential Gain
G = +3, NTSC, RL = 150 Ω, VO = 2 V p-p
0.44
%
Differential Phase
G = +3, NTSC, RL = 150 Ω, VO = 2 V p-p
0.41
Degrees
Crosstalk (RTI)—ADA4851-2/ADA4851-4
f = 5 MHz, G = +2, VO = 1.0 V p-p
−70/−60
dB
DC PERFORMANCE
Input Offset Voltage
0.6
3.3
mV
Input Offset Voltage Drift
4
μV/°C
Input Bias Current
2.3
4.0
μA
Input Bias Current Drift
6
nA/°C
Input Bias Offset Current
20
nA
Open-Loop Gain
VO = 0.25 V to 0.75 V
80
105
dB
INPUT CHARACTERISTICS
Input Resistance
Differential/common-mode
0.5/5.0
Input Capacitance
1.2
pF
Input Common-Mode Voltage Range
−0.2 to +0.8
V
Input Overdrive Recovery Time (Rise/Fall)
VIN = +3.5 V, −0.5 V, G = +1
60/60
ns
Common-Mode Rejection Ratio
VCM = 0 V to 0.5 V
−81
−103
dB
POWER-DOWN
Power-Down Input Voltage
Power-down
<1.1
V
Enabled
>1.6
V
Turn-Off Time
0.7
μs
Turn-On Time
60
ns
Power-Down Bias Current
Enabled
Power-down = 3 V
4
6
μA
Power-Down
Power-down = 0 V
−14
−20
μA
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time (Rise/Fall)
VIN = +0.7 V, −0.1 V, G = +5
70/100
ns
Output Voltage Swing
0.05 to 2.91
0.03 to 2.94
V
Short-Circuit Current
Sinking/sourcing
90/70
mA
POWER SUPPLY
Operating Range
2.7
12
V
Quiescent Current per Amplifier
2.4
2.7
mA
Quiescent Current (Power-Down)
Power-down = low
0.2
0.3
mA
Positive Power Supply Rejection
+VS = +2.5 V to +3.5 V, −VS = −0.5 V
−81
−100
dB
Negative Power Supply Rejection
+VS = +2.5 V, −VS = −0.5 V to –1.5 V
−80
−100
dB


Podobny numer części - ADA4851-1YRJZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4851-1YRJZ-RL7 AD-ADA4851-1YRJZ-RL7 Datasheet
451Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. D
ADA4851-1YRJZ-RL7 AD-ADA4851-1YRJZ-RL7 Datasheet
487Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-1YRJZ-RL7 AD-ADA4851-1YRJZ-RL7 Datasheet
432Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1YRJZ-RL7 AD-ADA4851-1YRJZ-RL7 Datasheet
380Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
More results

Podobny opis - ADA4851-1YRJZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_07 Datasheet
487Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-1 AD-ADA4851-1_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_06 Datasheet
451Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. D
ADA4851-2 AD-ADA4851-2 Datasheet
432Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-4 AD-ADA4851-4_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_16 Datasheet
380Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
logo
Monolithic Power System...
MP5120 MPS-MP5120 Datasheet
470Kb / 10P
   High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com