Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4851-1YRJZ-RL7 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADA4851-1YRJZ-RL7
Szczegółowy opis  Low Cost, High Speed, Rail-to-Rail Output Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1YRJZ-RL7 Arkusz danych(HTML) 1 Page - Analog Devices

  ADA4851-1YRJZ-RL7 Datasheet HTML 1Page - Analog Devices ADA4851-1YRJZ-RL7 Datasheet HTML 2Page - Analog Devices ADA4851-1YRJZ-RL7 Datasheet HTML 3Page - Analog Devices ADA4851-1YRJZ-RL7 Datasheet HTML 4Page - Analog Devices ADA4851-1YRJZ-RL7 Datasheet HTML 5Page - Analog Devices ADA4851-1YRJZ-RL7 Datasheet HTML 6Page - Analog Devices ADA4851-1YRJZ-RL7 Datasheet HTML 7Page - Analog Devices ADA4851-1YRJZ-RL7 Datasheet HTML 8Page - Analog Devices ADA4851-1YRJZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Cost, High Speed,
Rail-to-Rail Output Op Amps
ADA4851-1/ADA4851-2/ADA4851-4
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
High speed
130 MHz, −3 dB bandwidth
375 V/μs slew rate
55 ns settling time to 0.1%
Excellent video specifications
0.1 dB flatness: 11 MHz
Differential gain: 0.08%
Differential phase: 0.09°
Fully specified at +3 V, +5 V, and ±5 V supplies
Rail-to-rail output
Output swings to within 60 mV of either rail
Low voltage offset: 0.6 mV
Wide supply range: 3 V to 10 V
Low power: 2.5 mA/amplifier
Power-down mode
Available in space-saving packages
SOT-23-6, TSSOP-14, and MSOP-8
APPLICATIONS
Consumer video
Professional video
Video switchers
Active filters
PIN CONFIGURATIONS
VOUT 1
+IN
3
2
ADA4851-1
TOP VIEW (Not to Scale)
–VS
+VS
6
–IN
4
5
POWER DOWN
Figure 1. ADA4851-1, 6-Lead SOT-23 (RJ-6)
OUT1
1
–IN1
2
+IN1
3
–VS 4
+VS
8
OUT
7
–IN2
6
+IN2
5
ADA4851-2
TOP VIEW
(Not to Scale)
Figure 2. ADA4851-2, 8-Lead MSOP (RM-8)
1
2
3
4
5
6
7
ADA4851-4
TOP VIEW
(Not to Scale)
–IN 1
+IN 1
+VS
VOUT 2
–IN 2
+IN 2
VOUT 1
14
13
12
11
10
9
8
–IN 4
+IN 4
–VS
VOUT 3
–IN 3
+IN 3
VOUT 4
Figure 3. ADA4851-4, 14-Lead TSSOP (RU-14)
GENERAL DESCRIPTION
The ADA4851-1 (single)/ADA4851-2 (dual)/ADA4851-4
(quad) are low cost, high speed, voltage feedback rail-to-rail
output op amps. Despite their low price, these parts provide
excellent overall performance and versatility. The 130 MHz,
−3 dB bandwidth and high slew rate make these amplifiers well-
suited for many general-purpose, high speed applications.
The ADA4851 family is designed to operate at supply voltages
as low as +3 V and up to ±5 V. These parts provide true single-
supply capability, allowing input signals to extend 200 mV
below the negative rail and to within 2.2 V of the positive rail.
On the output, the amplifiers can swing within 60 mV of either
supply rail.
With their combination of low price, excellent differential gain
(0.08%), differential phase (0.09º), and 0.1 dB flatness out to
11 MHz, these amplifiers are ideal for consumer video
applications.
The ADA4851 family is designed to work over the extended
temperature range (−40°C to +125°C).
1
100
10
1k
FREQUENCY (MHz)
–6
–4
–5
–2
–3
0
–1
2
1
4
3
G = +1
VS = 5V
RL = 1kΩ
CL = 5pF
Figure 4. Small Signal Frequency Response


Podobny numer części - ADA4851-1YRJZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4851-1YRJZ-RL7 AD-ADA4851-1YRJZ-RL7 Datasheet
451Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. D
ADA4851-1YRJZ-RL7 AD-ADA4851-1YRJZ-RL7 Datasheet
487Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-1YRJZ-RL7 AD-ADA4851-1YRJZ-RL7 Datasheet
432Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1YRJZ-RL7 AD-ADA4851-1YRJZ-RL7 Datasheet
380Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
More results

Podobny opis - ADA4851-1YRJZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_07 Datasheet
487Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-1 AD-ADA4851-1_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_06 Datasheet
451Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. D
ADA4851-2 AD-ADA4851-2 Datasheet
432Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-4 AD-ADA4851-4_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_16 Datasheet
380Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
logo
Monolithic Power System...
MP5120 MPS-MP5120 Datasheet
470Kb / 10P
   High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com