Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4851-4YRUZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADA4851-4YRUZ
Szczegółowy opis  Low Cost, High Speed, Rail-to-Rail Output Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4851-4YRUZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADA4851-4YRUZ Datasheet HTML 5Page - Analog Devices ADA4851-4YRUZ Datasheet HTML 6Page - Analog Devices ADA4851-4YRUZ Datasheet HTML 7Page - Analog Devices ADA4851-4YRUZ Datasheet HTML 8Page - Analog Devices ADA4851-4YRUZ Datasheet HTML 9Page - Analog Devices ADA4851-4YRUZ Datasheet HTML 10Page - Analog Devices ADA4851-4YRUZ Datasheet HTML 11Page - Analog Devices ADA4851-4YRUZ Datasheet HTML 12Page - Analog Devices ADA4851-4YRUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. C | Page 9 of 20
–40
0.1
10
FREQUENCY (MHz)
1
–50
–60
–70
–80
–90
–100
–110
G = +1
VOUT = 2V p-p
VS = 5V
RL = 1kΩ HD2
RL = 150Ω HD2
RL = 1kΩ HD3
RL = 150Ω HD3
Figure 18. Harmonic Distortion vs. Frequency for Various Loads
–6
–4
–2
–3
–5
0
–1
2
1
4
3
6
5
0
100
200
300
400
500
600
700
800
900
1k
TIME (ns)
G = +5
VS = ±5V
RL = 150Ω
f = 1MHz
5
× INPUT
OUTPUT
Figure 19. Output Overdrive Recovery
–6
–4
–2
–3
–5
0
–1
2
1
4
3
6
5
0
100
200
300
400
500
600
700
800
900
1k
TIME (ns)
G = +1
VS = ±5V
RL = 150Ω
f = 1MHz
INPUT
OUTPUT
Figure 20. Input Overdrive Recovery
–0.075
–0.050
–0.025
0
0.025
0.050
0.075
TIME (ns)
50
0
100
150
200
VS = +5V
VS = ±5V
G = +1 OR +2
RL = 1kΩ
2.425
2.450
2.475
2.500
2.525
2.550
2.575
Figure 21. Small Signal Transient Response for Various Supplies
0
20
40
60
80
100
120
140
160
180
200
TIME (ns)
2.425
2.450
2.475
2.525
2.550
2.575
2.500
G = +1
VS = 5V
RL = 150Ω
10pF
0pF
Figure 22. Small Signal Transient Response for Capacitive Load
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
0.5
1.0
1.5
2.0
2.5
3.0
TIME (ns)
50
0
100
150
200
VS = +5V
VS = ±5V
G = +2
RL = 150Ω
Figure 23. Large Signal Transient Response for Various Supplies


Podobny numer części - ADA4851-4YRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4851-4YRUZ AD-ADA4851-4YRUZ Datasheet
451Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. D
ADA4851-4YRUZ AD-ADA4851-4YRUZ Datasheet
487Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-4YRUZ AD-ADA4851-4YRUZ Datasheet
432Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-4YRUZ AD-ADA4851-4YRUZ Datasheet
380Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
ADA4851-4YRUZ-R7 AD-ADA4851-4YRUZ-R7 Datasheet
451Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. D
More results

Podobny opis - ADA4851-4YRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_07 Datasheet
487Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-1 AD-ADA4851-1_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_06 Datasheet
451Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. D
ADA4851-2 AD-ADA4851-2 Datasheet
432Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-4 AD-ADA4851-4_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_16 Datasheet
380Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
logo
Monolithic Power System...
MP5120 MPS-MP5120 Datasheet
470Kb / 10P
   High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com