Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM49DL640AG85IS Arkusz danych(PDF) 8 Page - Advanced Micro Devices

Numer części AM49DL640AG85IS
Szczegółowy opis  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM49DL640AG85IS Arkusz danych(HTML) 8 Page - Advanced Micro Devices

Back Button AM49DL640AG85IS Datasheet HTML 4Page - Advanced Micro Devices AM49DL640AG85IS Datasheet HTML 5Page - Advanced Micro Devices AM49DL640AG85IS Datasheet HTML 6Page - Advanced Micro Devices AM49DL640AG85IS Datasheet HTML 7Page - Advanced Micro Devices AM49DL640AG85IS Datasheet HTML 8Page - Advanced Micro Devices AM49DL640AG85IS Datasheet HTML 9Page - Advanced Micro Devices AM49DL640AG85IS Datasheet HTML 10Page - Advanced Micro Devices AM49DL640AG85IS Datasheet HTML 11Page - Advanced Micro Devices AM49DL640AG85IS Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
April 1, 2003
Am49DL640AG
7
PR E L I M I N A R Y
CONNECTION DIAGRAM
Special Package Handling Instructions
Special handling is required for Flash Memory products
in molded packages (TSOP, BGA, PDIP, SSOP,
PLCC). The package and/or data integrity may be
compromised if the package body is exposed to
temperatures above 150
°C for prolonged periods of
time.
A1
B1
C1
F1
G1
L1
M1
D2
E2
F2
G2
H2
J2
C3
D3
E3
F3
G3
H3
J3
K3
C4
D4
E4
F4
G4
H4
J4
K4
B5
C5
D5
E5
H5
J5
K5
L5
B6
C6
D6
E6
H6
J6
K6
L6
C7
D7
E7
F7
G7
H7
J7
K7
C8
D8
E8
F8
G8
H8
J8
K8
D9
E9
F9
G9
H9
J9
A10
B10
F10
G10
L10
M10
NC
NC
NC
NC
NC
NC
NC
NC
NC
A3
A2
A1
A0
CE#f
CE1#s
A7
A6
A5
A4
VSS
OE#
DQ0
DQ8
LB#
UB#
A18
A17
DQ1
DQ9
DQ10
DQ2
NC
WP#/ACC
RESET#
RY/BY#
DQ3
VCCf
DQ11
NC
WE#
CE2s
A20
DQ4
VCCs
NC
A8
A19
A9
A10
DQ6
DQ13
DQ12
DQ5
A11
A12
A13
A14
NC
DQ15/A-1
DQ7
DQ14
A15
A21
NC
A16
CIOf
VSS
NC
NC
NC
NC
NC
NC
Pseudo
SRAM only
Shared
Flash only
73-Ball FBGA
Top View


Podobny numer części - AM49DL640AG85IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SPANSION
AM49DL640AH SPANSION-AM49DL640AH Datasheet
995Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM49DL640AH56IS SPANSION-AM49DL640AH56IS Datasheet
995Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM49DL640AH56IT SPANSION-AM49DL640AH56IT Datasheet
995Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM49DL640AH70IS SPANSION-AM49DL640AH70IS Datasheet
995Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM49DL640AH70IT SPANSION-AM49DL640AH70IT Datasheet
995Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
More results

Podobny opis - AM49DL640AG85IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42516 AMD-DS42516 Datasheet
953Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com