Zakładka z wyszukiwarką danych komponentów |
|
TPCA8102 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor |
|
TPCA8102 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor |
3 / 4 page TPCA8102 2003-08-29 3 Electrical Characteristics (Ta = 25°C) Characteristics Symbol Test Condition Min Typ. Max Unit Gate leakage current IGSS VGS = ±16 V, VDS = 0 V ⎯ ⎯ ±10 µA Drain cut-OFF current IDSS VDS = −30 V, VGS = 0 V ⎯ ⎯ −10 µA V (BR) DSS ID = −10 mA, VGS = 0 V −30 ⎯ ⎯ Drain-source breakdown voltage V (BR) DSX ID = −10 mA, VGS = 20 V −15 ⎯ ⎯ V Gate threshold voltage Vth VDS = −10 V, ID = − 1 mA −0.8 ⎯ −2.0 V VGS = −4 V, ID = −20 A ⎯ 9.0 14 Drain-source ON resistance RDS (ON) VGS = −10 V, ID = −20 A ⎯ 4.5 6.0 m Ω Forward transfer admittance |Yfs| VDS = −10 V, ID = −20 A 30 60 ⎯ S Input capacitance Ciss ⎯ 4600 ⎯ Reverse transfer capacitance Crss ⎯ 850 ⎯ Output capacitance Coss VDS = −10 V, VGS = 0 V, f = 1 MHz ⎯ 980 ⎯ pF Rise time tr ⎯ 10 ⎯ Turn-ON time ton ⎯ 20 ⎯ Fall time tf ⎯ 78 ⎯ Switching time Turn-OFF time toff Duty <= 1%, tw = 10 µs ⎯ 220 ⎯ ns Total gate charge (gate-source plus gate-drain) Qg ⎯ 109 ⎯ Gate-source charge 1 Qgs1 ⎯ 24 ⎯ Gate-drain (“miller”) charge Qgd VDD ∼− −24 V, VGS = 10 V, ID = −40 A ⎯ 25 ⎯ nC Source-Drain Ratings and Characteristics (Ta = 25°C) Characteristics Symbol Test Condition Min Typ. Max Unit Drain reverse current Pulse (Note 1) IDRP ⎯ ⎯ ⎯ −120 A Forward voltage (diode) VDSF IDR = −40 A, VGS = 0 V ⎯ ⎯ 1.2 V VDD ∼− −15 V 0 V VGS −10 V ID = −20A VOUT |
Podobny numer części - TPCA8102 |
|
Podobny opis - TPCA8102 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |