Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC78PC25NTR Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części MC78PC25NTR
Szczegółowy opis  Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78PC25NTR Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button MC78PC25NTR Datasheet HTML 4Page - ON Semiconductor MC78PC25NTR Datasheet HTML 5Page - ON Semiconductor MC78PC25NTR Datasheet HTML 6Page - ON Semiconductor MC78PC25NTR Datasheet HTML 7Page - ON Semiconductor MC78PC25NTR Datasheet HTML 8Page - ON Semiconductor MC78PC25NTR Datasheet HTML 9Page - ON Semiconductor MC78PC25NTR Datasheet HTML 10Page - ON Semiconductor MC78PC25NTR Datasheet HTML 11Page - ON Semiconductor MC78PC25NTR Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC78PC00 Series
http://onsemi.com
8
Figure 23. MC78PC40 (4.0 V) Supply Current
versus Input Voltage
Figure 24. MC78PC50 Supply Current
versus Input Voltage
Figure 25. MC78PC30 Supply Current
versus Temperature
Figure 26. MC78PC40 (4.0 V) Supply
Current versus Temperature
Figure 27. MC78PC50 Supply Current
versus Temperature
50
2.0
3.0
4.0
5.0
6.0
7.0
8.0
40
0
10
30
20
TA = 25°C
VIN, INPUT VOLTAGE (VOLTS)
50
2.0
3.0
4.0
5.0
6.0
7.0
8.0
40
0
10
30
20
TA = 25°C
VIN, INPUT VOLTAGE (VOLTS)
50
–50
–25
0
25
50
75
100
40
20
25
35
30
TA, TEMPERATURE (°C)
45
50
–50
–25
0
25
50
75
100
40
20
25
35
30
TA, TEMPERATURE (°C)
45
50
–50
–25
0
25
50
75
100
40
20
25
35
30
TA, TEMPERATURE (°C)
45
10 mA
Figure 28. Dropout Voltage versus
Output Voltage
VOUT, OUTPUT VOLTAGE (VOLTS)
0.7
2.0
3.0
4.0
5.0
6.0
0.6
0.5
0
0.1
0.4
0.3
0.2
TA = 25°C
IOUT = 150 mA
30 mA
50 mA
100 mA


Podobny numer części - MC78PC25NTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC78PC25NTR ONSEMI-MC78PC25NTR Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
MC78PC25NTRG ONSEMI-MC78PC25NTRG Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
More results

Podobny opis - MC78PC25NTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com