Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC9324F Arkusz danych(PDF) 8 Page - Toshiba Semiconductor

Numer części TC9324F
Szczegółowy opis  Single-Chip DTS Microcontroller (DTS-20)
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9324F Arkusz danych(HTML) 8 Page - Toshiba Semiconductor

Back Button TC9324F Datasheet HTML 4Page - Toshiba Semiconductor TC9324F Datasheet HTML 5Page - Toshiba Semiconductor TC9324F Datasheet HTML 6Page - Toshiba Semiconductor TC9324F Datasheet HTML 7Page - Toshiba Semiconductor TC9324F Datasheet HTML 8Page - Toshiba Semiconductor TC9324F Datasheet HTML 9Page - Toshiba Semiconductor TC9324F Datasheet HTML 10Page - Toshiba Semiconductor TC9324F Datasheet HTML 11Page - Toshiba Semiconductor TC9324F Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 101 page
background image
TC9324F
2002-02-08
8
Pin No.
Symbol
Pin Name
Function and Operation
Remarks
70
71
IFIN1/IN1
IFIN2/IN2
IF signal inputs
/input port
IF signal input pins for the IF counter
to count the IF signals of the FM and
AM bands and detect the automatic
stop position.
The input frequency is in the range
0.3 to 20 MHz. A built-in input amp
and capacitive coupling support
low-amplitude operation.
The IF counter is a 20-bit counter with
selectable gate times of 1, 4, 16, and
64 ms. 20 bits of data can be easily
stored in memory. In Manual mode,
the gates can be switched on and off
by instruction.
These input pins can also be
programmed as an input port (IN
port). At that time, they become
CMOS inputs and the clocks of those
inputs can be counted using the IF
counter.
Note: Pins set as IF input go Low in
PLL Off mode.
73
FMIN
FM local oscillation
signal input
74
AMIN
AM local oscillation
signal input
Programmable counter input pins for
the FM/AM band.
Their input mode can be switched by
software among 1/2
+ pulse swallow
(VHF/FM) mode for FM input, and
pulse swallow (HF) or direct division
(LF) mode for AM input.
The local oscillation output
(voltage-controlled oscillator or VCO
output) is normally input at the
following frequencies: 50 to 230 MHz
in VHF mode, 50 to 140 MHz in FM1
mode, 10 to 60 MHz in FM2 mode, 1
to 30 MHz in HF mode, and 0.5 to 20
MHz in LF mode.
A built-in input amp and capacitive
coupling support low-amplitude
operation.
Note: In PLL Off mode or when the
pins are not set for input, the
input goes to high impedance.
75
VPLL
PLL constant voltage
output
Constant voltage output for the PLL.
The PLL constant voltage is used as
the power supply for the PLL and IF
counter. In PLL On mode, the
constant voltage power supply is 3.55
V (typ.). In PLL Off mode, the VDD is
output. Connecting a capacitor (0.1
µF, 10 µF typ.) stabilizes the power
supply.
VDD
RFIN
VDD
RFIN
VDD
RFIN
VPLL


Podobny numer części - TC9324F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC9320F TOSHIBA-TC9320F Datasheet
631Kb / 15P
   TOSHIBA CMOS DIGITAL INTERGRATED CIRCUIT SILICON MONOLITHIC
TC9320F-001 TOSHIBA-TC9320F-001 Datasheet
151Kb / 4P
   DDTS-1:DIGITAL TUNER SYSTEM
TC9321 TOSHIBA-TC9321 Datasheet
3Mb / 48P
   SINGLE CHIP DTS MICROCONTROLLER
TC9321F TOSHIBA-TC9321F Datasheet
3Mb / 48P
   SINGLE CHIP DTS MICROCONTROLLER
TC9321F-003 TOSHIBA-TC9321F-003 Datasheet
207Kb / 4P
   DIGITAL TUNING SYSTEM
More results

Podobny opis - TC9324F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC9325F TOSHIBA-TC9325F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
TC93P24FG TOSHIBA-TC93P24FG Datasheet
241Kb / 15P
   Single-Chip DTS Microcontroller (DTS-20)
TC9349AFG TOSHIBA-TC9349AFG Datasheet
2Mb / 129P
   Single-Chip DTS Microcontroller (DTS-21)
TC9318AFAG TOSHIBA-TC9318AFAG Datasheet
1Mb / 56P
   Single Chip DTS Microcontroller (DTS-21)
TC9323F TOSHIBA-TC9323F Datasheet
735Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9318FA TOSHIBA-TC9318FA Datasheet
3Mb / 60P
   SINGLE CHIP DTS MICROCONTROLLER
TC9319F TOSHIBA-TC9319F Datasheet
3Mb / 54P
   SINGLE CHIP DTS MICROCONTROLLER
TC9322FA TOSHIBA-TC9322FA Datasheet
767Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9309AF TOSHIBA-TC9309AF Datasheet
2Mb / 53P
   SINGLE CHIP DTS MICROCONTROLLER
TC9314F TOSHIBA-TC9314F Datasheet
5Mb / 76P
   SINGLE-CHIP DTS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com