Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS2208ACX6 Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części TS2208ACX6
Szczegółowy opis  Li-Ion Battery Protector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2208ACX6 Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2208ACX6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2208ACX6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2208ACX6 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2208ACX6 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2208ACX6 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2208ACX6 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS2208A/B series
3-6
2003/12 rev. B
Absolute Maximum Rating
Supply Voltage
VDD
-0.3 to 12
V
V- pin
V-
VDD-22 to VDD +0.3
V
Input Voltage
VCT pin
VCext
VDD-0.3 to VDD +0.3
V
COUT pin
VCOUT
VDD-22 to VDD +0.3
V
Output Voltage
DOUT pin
VDOUT
VDD-0.3 to VDD +0.3
V
Power Dissipation
PD
150
mW
Operating Temperature Range
TOPT
-40 to +85
oC
Storage Temperature Range
TSTG
-50 to +120
oC
Note:
Absolute Maximum ratings are threshold limit values that must not be exceeded even for an instant under any
conditions. Operation above these absolute maximum ratings may cause degradation or permanent damage to the
device. These are stress ratings only and do not necessarily functional operation below these limits.
Electrical Characteristics (Ta = 25
oC, unless otherwise specified.)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Operating input voltage
Voltage defined as VDD-VSS
VDD1
1.5
--
10
V
TS2208A
4.33
4.35
4.37
Over-charge threshold voltage
Detect rising
edge of supply
voltage
TS2208B
VC1
4.26
4.28
4.30
V
Over-charge threshold hysteresis
range
VHYS
0.15
0.20
0.25
V
Over-charge delay time
C3= 0.01µF,
VDD = 3.6V to 4.4V
tC1
60
75
90
ms
Over-discharge threshold voltage
Detect falling edge of supply
voltage
VD1
2.437
2.500
2.563
V
Over-discharge delay time
VDD= 3.6V to 2.4V
tD1
7
10
13
ms
Over current detection voltage
Detect rising edge of “V-” pin
voltage
VOC
0.17
0.20
0.23
V
Over current detection delay time
VDD= 3.0V
tOC
9
14
17
ms
Short circuit detection voltage
VDD= 3.0V
Vshort
VDD-1.2
VDD-0.9
VDD-0.6
V
Short circuit detection delay time
VDD= 3.0V
tshort
--
5
50
µS
Reset resistance for excess
current protection
VDD= 3.6V,V-=1.0V
Rshort
50
100
150
K
Nch ON voltage of COUT
IOL = 50µA, VDD= 4.4V
VOL1
--
0.3
0.5
V
Pch ON voltage of COUT
IOH = -50µA, VDD= 3.9V
VOH1
3.4
3.8
--
V
Nch ON voltage of COUT
IOH = 50µA, VDD= 2.4V
VOL2
--
0.2
0.5
V
Pch ON voltage of COUT
IOH= -50µA, VDD= 3.9V
VOH2
3.4
3.7
--
V
Supply current
VDD= 3.9V,V-= 0V
IDD
--
3
5
µA
Standby current
VDD= 2.0V
Istandby
--
--
0.1
µA


Podobny numer części - TS2208ACX6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS2208ACX6 TSC-TS2208ACX6 Datasheet
107Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
More results

Podobny opis - TS2208ACX6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
logo
List of Unclassifed Man...
SC451XX ETC-SC451XX Datasheet
209Kb / 13P
   LI-ION BATTERY PROTECTOR
logo
Taiwan Semiconductor Co...
TS2207 TSC-TS2207 Datasheet
152Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
Taiwan Memory Technolog...
T63H0008A TMT-T63H0008A Datasheet
341Kb / 20P
   Li-Ion/Polymer Battery for one-cell Protector
logo
Will Semiconductor Ltd.
ESD56031N WILLSEMI-ESD56031N Datasheet
534Kb / 7P
   4.6V, Single Li-ion Battery Port Surge Protector
ESD5651N WILLSEMI-ESD5651N Datasheet
444Kb / 7P
   4.5V, Single Li-ion Battery Port Surge Protector
logo
Leshan Radio Company
LESD8H5.0CT5G LRC-LESD8H5.0CT5G Datasheet
110Kb / 4P
   5.0V, Single Li-ion Battery Port Surge Protector
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com