Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS2576CZ5-12 Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części TS2576CZ5-12
Szczegółowy opis  3A Step Down Switching Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2576CZ5-12 Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2576CZ5-12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2576CZ5-12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2576CZ5-12 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2576CZ5-12 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2576CZ5-12 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2576CZ5-12 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2576CZ5-12 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS2576
3-7
2003/12 rev. A
All Output Voltage Version (Vin=12V for 5V, 3.3V and Adjustable version, Vin=25V for 12V version, IL = 500mA)
Oscillator Frequency (Note 2)
47
52
58
kHz
Quiescent Current (Note 3)
--
5
10
mA
Standby Current
ENABLE =5V
--
70
200
uA
Saturation Voltage (Note 4)
ILOAD=3A
--
1.4
1.8
V
Feedback Bias Current
VOUT=5V (Adj. Version only)
--
50
100
nA
Duty Cycle (Note 5)
Operating (ON)
93
98
--
%
Current Limit (Note 2)(Note 4)
4.2
7.0
8.8
A
VOUT=0V
--
0.3
2
Output Leakage Current (Note 3)
VOUT=-1V
--
7.5
30
mA
VIH (VOUT=0V)
2.2
1.4
--
ENABLE Threshold Voltage
VIL(VOUT=Normal Output Voltage)
--
1.2
1.0
V
IIH (ENABLE =5V)
--
12
30
ENABLE Input Current
IIH (ENABLE =0V)
--
0
10
uA
Note 1: External components such as the catch diode, inductor, input and output capacitors can affect switching regulator
system performance. Refer to Application information for details.
Note 2: The oscillator frequency reduces to approximately 11KHz in the event of fault conditions, such as output short or
overload. And the regulated output voltage will drop approximately 40% from the nominal output voltage. This
self-protection feature lowers the average power dissipation by lowering the minimum duty cycle from 5% down to
approximately 2%.
Note 3: For these parameters, FB is removed from VOUT and connected to +12V to force the output transistor OFF.
Note 4: VOUT pin sourcing current. No diode, inductor or capacitor connected to VOUT.
Note 5: FB is removed from VOUT and connected to 0V.


Podobny numer części - TS2576CZ5-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS2576CZ5 TSC-TS2576CZ5 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
TS2576CZ5C0 TSC-TS2576CZ5C0 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
More results

Podobny opis - TS2576CZ5-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576 UTC-P2576 Datasheet
295Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
P2576 UTC-P2576_15 Datasheet
305Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com