Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTT6050-2ERA Arkusz danych(PDF) 27 Page - Infineon Technologies AG

Numer części BTT6050-2ERA
Szczegółowy opis  Smart High-Side Power Switch Dual Channel, 50 m廓
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6050-2ERA Arkusz danych(HTML) 27 Page - Infineon Technologies AG

Back Button BTT6050-2ERA Datasheet HTML 23Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 24Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 25Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 26Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 27Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 28Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 29Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 30Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
Datasheet
27
Rev.1.00
2019-03-09
PROFET™+ 24V
BTT6050-2ERA
Diagnostic Functions
Figure 22 Improved SENSE Accuracy with One Calibration Point
7.3.2
SENSE Signal Timing
Figure 23 shows the timing during settling and disabling of the SENSE.
Figure 23 SENSE Settling / Disabling Timing
0
1
2
3
4
5
6
7
800
1000
1200
1400
1600
1800
2000
2200
2400
I
L [A]
calibrated k
ILIS
min/max k
ILIS
typical k
ILIS
BTT6050-2EKA
BTT6050-2ERA
VINx
t
IL
t
IIS
t
VDEN
t
tsIS(ON)
tsIS(OFF)
tONx
90% of
IIS static
90% of
IL static
tsIS(ON_DEN)
tsIS(LC)
VINy
t
ILy
t
VDSEL
t
tsIS(chC)
current sense settling disabling time.vsd
tONx
tOFFx
tONy


Podobny numer części - BTT6050-2ERA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BTT6050-2EKA INFINEON-BTT6050-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
BTT6050-2EKA INFINEON-BTT6050-2EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
More results

Podobny opis - BTT6050-2ERA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS2HB50-Q1 TI1-TPS2HB50-Q1_19 Datasheet
514Kb / 40P
[Old version datasheet]   40-V, 50-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB50-Q1 TI1-TPS2HB50-Q1_V01 Datasheet
1Mb / 55P
[Old version datasheet]   TPS2HB50-Q1 40-V, 50-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTS5236-2EKA INFINEON-BTS5236-2EKA Datasheet
978Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
Rev. 1.0, Nov 2008
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com