Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTT6050-2ERA Arkusz danych(PDF) 36 Page - Infineon Technologies AG

Numer części BTT6050-2ERA
Szczegółowy opis  Smart High-Side Power Switch Dual Channel, 50 m廓
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6050-2ERA Arkusz danych(HTML) 36 Page - Infineon Technologies AG

Back Button BTT6050-2ERA Datasheet HTML 32Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 33Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 34Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 35Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 36Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 37Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 38Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 39Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
Datasheet
36
Rev.1.00
2019-03-09
PROFET™+ 24V
BTT6050-2ERA
Characterization Results
9
Characterization Results
The characterization has been performed on 3 lots, with 3 devices each. Characterization has been performed
at 8 V, 28 V and 36 V, from -40°C to 150°C. When no dependency to voltage is seen, only one curve (28 V) is
sketched.
9.1
General Product Characteristics
9.1.1
Minimum Functional Supply Voltage
P_4.2.3
Figure 29 Minimum Functional Supply Voltage VS(OP)_MIN= f(TJ)
9.1.2
Undervoltage Shutdown
P_4.2.4
Figure 30 Undervoltage Threshold VS(UV)= f(TJ)
4,3
4,4
4,5
4,6
4,7
4,8
4,9
5
3,8
3,9
4
4,1
4,2
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
Junction Temperature T
J (°C)
3,4
3,5
3,6
3,7
3,8
3,9
4
4,1
3
3,1
3,2
3,3
3,4
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
Junction Temperature T
J (°C)


Podobny numer części - BTT6050-2ERA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BTT6050-2EKA INFINEON-BTT6050-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
BTT6050-2EKA INFINEON-BTT6050-2EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
More results

Podobny opis - BTT6050-2ERA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS2HB50-Q1 TI1-TPS2HB50-Q1_19 Datasheet
514Kb / 40P
[Old version datasheet]   40-V, 50-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB50-Q1 TI1-TPS2HB50-Q1_V01 Datasheet
1Mb / 55P
[Old version datasheet]   TPS2HB50-Q1 40-V, 50-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTS5236-2EKA INFINEON-BTS5236-2EKA Datasheet
978Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
Rev. 1.0, Nov 2008
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com