Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTT6050-2ERA Arkusz danych(PDF) 7 Page - Infineon Technologies AG

Numer części BTT6050-2ERA
Szczegółowy opis  Smart High-Side Power Switch Dual Channel, 50 m廓
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6050-2ERA Arkusz danych(HTML) 7 Page - Infineon Technologies AG

Back Button BTT6050-2ERA Datasheet HTML 3Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 4Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 5Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 6Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 7Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 8Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 9Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 10Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
Datasheet
7
Rev.1.00
2019-03-09
PROFET™+ 24V
BTT6050-2ERA
General Product Characteristics
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Power dissipation (DC)
PTOT
––
2.1
W
TA = 85°C
TJ < 150°C
P_4.1.22
Maximum energy dissipation
Single pulse (one channel)
EAS
––
55
mJ
IL(0) = 4 A
TJ(0) = 150°C
VS = 28 V
P_4.1.23
Voltage at power transistor
VDS
65
V
P_4.1.26
Currents
Current through ground pin
I GND
-20
-150
20
20
mA
t < 2 min
P_4.1.27
Temperatures
Junction temperature
TJ
-40
150
°C
P_4.1.28
Storage temperature
TSTG
-55
150
°C
P_4.1.30
ESD Susceptibility
ESD susceptibility (all pins)
VESD
-2
2
kV
4) HBM
P_4.1.31
ESD susceptibility OUT Pin vs.
GND and VS connected
VESD
-4
4
kV
4) HBM
P_4.1.32
ESD susceptibility
VESD
-500
500
V
5) CDM
P_4.1.33
ESD susceptibility pin
(corner pins)
VESD
-750
750
V
5) CDM
P_4.1.34
1) Not subject to production test. Specified by design
2) VS(LD) is setup without the DUT connected to the generator per ISO 7637-1
3) Threshold limit for short circuit failures : 100ppm. Please refer to the legal disclaimer for short circuit capability on
the Back Cover of this document
4) ESD susceptibility, Human Body Model “HBM” according to AEC Q100-002
5) ESD susceptibility, Charged Device Model “CDM” according to AEC Q100-011
Table 3
Absolute Maximum Ratings (cont’d)1)
TJ = -40°C to +150°C; (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.


Podobny numer części - BTT6050-2ERA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BTT6050-2EKA INFINEON-BTT6050-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
BTT6050-2EKA INFINEON-BTT6050-2EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
More results

Podobny opis - BTT6050-2ERA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS2HB50-Q1 TI1-TPS2HB50-Q1_19 Datasheet
514Kb / 40P
[Old version datasheet]   40-V, 50-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB50-Q1 TI1-TPS2HB50-Q1_V01 Datasheet
1Mb / 55P
[Old version datasheet]   TPS2HB50-Q1 40-V, 50-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTS5236-2EKA INFINEON-BTS5236-2EKA Datasheet
978Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
Rev. 1.0, Nov 2008
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com