Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTT6200-4ESA Arkusz danych(PDF) 36 Page - Infineon Technologies AG

Numer części BTT6200-4ESA
Szczegółowy opis  PROFET?? 24V
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6200-4ESA Arkusz danych(HTML) 36 Page - Infineon Technologies AG

Back Button BTT6200-4ESA Datasheet HTML 32Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 33Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 34Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 35Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 36Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 37Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 38Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 39Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Table 10
Electrical characteristics: Diagnostics (continued)
VS = 8 V to 36 V, TJ = -40°C to 150°C (unless otherwise specified).
Typical values are given at VS = 28 V, TJ = 25°C
Parameter
Symbol
Values
Unit Note or Test
Condition
Number
Min.
Typ.
Max.
Current sense ratio
IL0 = 10 mA
kILIS0
-50%
330
+50%
VIN = 4.5 V
VDEN = 4.5 V
See Figure 21
TJ = -40°C; 150°C
P_7.5.8
Current sense ratio
IL1 = 0.05 A
kILIS1
-40%
300
+40%
P_7.5.9
Current sense ratio
IL2 = 0.2 A
kILIS2
-15%
300
+15%
P_7.5.10
Current sense ratio
IL3 = 0.5 A
kILIS3
-11%
300
+11%
P_7.5.11
Current sense ratio
IL4 = 1 A
kILIS4
-9%
300
+9%
P_7.5.12
kILIS derating with current and
temperature
ΔkILIS
-8
0
+8
%
23) kILIS3 versus kILIS2
See Figure 22
P_7.5.17
Diagnostic timing in normal condition
Current sense settling time to
kILIS function stable after positive
input slope on both INput and
DEN
tsIS(ON)
150
µs
23) VDEN = VIN = 0 to
4.5 V
VS = 28 V
RIS = 1.2 kΩ
CSENSE < 100 pF
IL = IL3 = 0.5 A
See Figure 23
P_7.5.18
Current sense settling time with
load current stable and transition
of the DEN
tsIS(ON_DEN)
10
µs
22) VDEN = 0 to 4.5 V
RIS = 1.2 kΩ
CSENSE < 100 pF
IL = IL3 = 0.5 A
See Figure 23
P_7.5.19
Current sense settling time to IIS
stable after positive input slope
on current load
tsIS(LC)
15
µs
22) VDEN = 4.5 V
RIS = 1.2 kΩ
CSENSE < 100 pF
IL = IL2 = 0.2 A to
IL = IL3 = 0.5 A
See Figure 23
P_7.5.20
Diagnostic timing in open load condition
23
Not subject to production test, specified by design. Current sense settling time to
22
DSEL pin select channel 0 only.
PROFET+ 24V
BTT6200-4ESA
Diagnostic functions
Datasheet
36
Rev. 1.00
2019-03-09


Podobny numer części - BTT6200-4ESA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BTT6200-4EMA INFINEON-BTT6200-4EMA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
More results

Podobny opis - BTT6200-4ESA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BTS612 SIEMENS-BTS612 Datasheet
291Kb / 9P
   TWO CHANNEL PROFET
logo
Infineon Technologies A...
BTS50080-1EGA INFINEON-BTS50080-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
BTS50070-1EGA INFINEON-BTS50070-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
BTS7040-1EPA INFINEON-BTS7040-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 40 m廓 PROFET??2 12V 1x 40 m廓
Rev. 1.03 2019-10-30
BTS50060-1EGA INFINEON-BTS50060-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
BTS50050-1EGA INFINEON-BTS50050-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
BTS5230GS INFINEON-BTS5230GS Datasheet
453Kb / 28P
   Smart High-Side Power Switch PROFET
V2.0, June 2005
BTS50090-1TMB INFINEON-BTS50090-1TMB Datasheet
528Kb / 27P
   Smart High-Side Power Switch PROFET One Channel
Rev. 1.0, Feb. 2008
BTS50080-1TEB INFINEON-BTS50080-1TEB Datasheet
576Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS7004-1EPP INFINEON-BTS7004-1EPP Datasheet
1Mb / 57P
   PROFET??2 12V Smart High-Side Power Switch
Rev. 1.01.01 2019-04-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com