Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLE75602-ESD Arkusz danych(PDF) 26 Page - Infineon Technologies AG

Numer części TLE75602-ESD
Szczegółowy opis  SPI Driver for Enhanced Relay Control
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESD Arkusz danych(HTML) 26 Page - Infineon Technologies AG

Back Button TLE75602-ESD Datasheet HTML 22Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 23Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 24Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 25Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 26Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 27Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 28Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 29Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
Datasheet
26
Rev. 1.0
2017-11-23
TLE75602-ESD
SPIDER+ 12V
Power Supply
6.3
Electrical Characteristics Power Supply
Table 8
Electrical Characteristics Power Supply
VDD = 3 V to 5.5 V, VS = 7 V to 18 V, TJ = -40 °C to +150 °C, all voltages with respect to ground, positive currents
flowing as described in Figure 3 (unless otherwise specified)
Typical values: VDD = 5 V, VS = 13.5 V, TJ = 25 °C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
VS pin
Analog supply undervoltage
shutdown
VS(UV)
1.5
3.0
V
OUTn = ON
from VDS ≤ 1V
to UVRVS = 1B
RL = 50 Ω
P_6.3.1
Analog supply minimum
operative voltage
VS(OP)
––
4.0
V
OUT.OUTn = 1B
from UVRVS = 1B
to VDS ≤ 1V
RL = 50 Ω
P_6.3.2
Undervoltage shutdown
hysteresis
VS(HYS)
–1
–V
1)
P_6.3.3
Analog supply current
consumption in Sleep mode
with loads
IVS(SLEEP)
–0.1
3
µA
1)
VIDLE floating
VINn floating
VCSN = VDD
TJ ≤ 85 °C
P_6.3.4
Analog supply current
consumption in Sleep mode
with loads
IVS(SLEEP)
–0.1
–µA
1)
VIDLE floating
VINn floating
VCSN = VDD
TJ ≤ 85 °C
VS = 13.5 V
P_6.3.63
Analog supply current
consumption in Sleep mode
with loads
IVS(SLEEP)
–0.1
20
µA
VIDLE floating
VINn floating
VCSN = VDD
TJ = 150 °C
P_6.3.5
Analog supply current
consumption in Idle mode
with loads
IVS(IDLE)
2.2
mA
IDLE = “high”
VINn floating
fSCLK = 0 MHz
HWCR.ACT = 0B
OUT.OUTn = 0B
DIAG_IOL.OUTn
= 0B
VCSN = VDD
P_6.3.6


Podobny numer części - TLE75602-ESD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TLE75602-ESH INFINEON-TLE75602-ESH Datasheet
2Mb / 82P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Podobny opis - TLE75602-ESD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
TLE7237SL INFINEON-TLE7237SL Datasheet
1Mb / 36P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7234SE INFINEON-TLE7234SE Datasheet
1Mb / 36P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7236SE INFINEON-TLE7236SE Datasheet
1Mb / 37P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7238SL INFINEON-TLE7238SL Datasheet
1Mb / 37P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7232G INFINEON-TLE7232G Datasheet
922Kb / 36P
   SPI Driver for Enhanced Relay Control
V1.0, September 2005
TLE7233EM INFINEON-TLE7233EM Datasheet
966Kb / 33P
   SPI Driver for Enhanced Relay Control
Rev. 1.2, May 2014
TLE7236EM INFINEON-TLE7236EM Datasheet
1Mb / 37P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com