Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLE75602-ESH Arkusz danych(PDF) 53 Page - Infineon Technologies AG

Numer części TLE75602-ESH
Szczegółowy opis  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESH Arkusz danych(HTML) 53 Page - Infineon Technologies AG

Back Button TLE75602-ESH Datasheet HTML 49Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 50Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 51Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 52Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 53Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 54Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 55Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 56Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
Datasheet
53
Rev. 1.0
2017-11-23
TLE75602-ESH
SPIDER+ 12V
Diagnosis
– The internal multiplexer is set to the next channel. After a time tOLONSW the diagnosis is completed
(DIAG_OLON.OUTn bit is updated) for the currently selected channel. This step is repeated for all
remaining PWM generator driven channels.
If the channel is in OFF state during the PWM period, the internal logic waits for the ON state to perform
the diagnosis. After a time tONMAX + tOLONSW the diagnosis for that channel is completed.
– The minimum ON time for a reliable diagnosis is > tONMAX + tOLONSW. If the ON time is < tONMAX + tOLONSW the
corresponding DIAG_OLON.OUTn is set to “0B”.
When the loop finishes, DIAG_OLONEN.MUX bits are set back to 1111B (default value) and
DIAG_OLON.OUTn bits store the last diagnosis loop result. It is necessary to start another diagnosis loop to
update the register content.
Figure 29 shows the timing in case of channels driven directly by micro-controller, while Figure 30 represents
the case with channels driven by internal PWM Generators.
Figure 29 Open Load at ON timings (diagnosis loop - channels driven by micro-controller directly)
IL2
OpenLoadON_loop_ext_6ch.emf
DIAG_OLONEN.MUX
1111
1010
t
t
tOLONSET
DIAG_OLON.OUT2
0
t
t
tOLONSW
DIAG_OLON.OUT3
t
1
IL3
1111
t
DIAG_OLON.OUT7
t
0
IL7
Ch. 2
(ON)
Ch. 3 (ON in
Open Load)
Ch. 7 (OFF)
tOLONSW tOLONSW tOLONSW tOLONSW
IL(OL)


Podobny numer części - TLE75602-ESH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TLE75602-ESD INFINEON-TLE75602-ESD Datasheet
2Mb / 70P
   SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Podobny opis - TLE75602-ESH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESD INFINEON-TLE75242-ESD Datasheet
2Mb / 71P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com