Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISD91300 Arkusz danych(PDF) 21 Page - Nuvoton Technology Corporation

Numer części ISD91300
Szczegółowy opis  ISD ARM짰 Cortex짰-M0 Audio SoC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NUVOTON [Nuvoton Technology Corporation]
Strona internetowa  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD91300 Arkusz danych(HTML) 21 Page - Nuvoton Technology Corporation

Back Button ISD91300 Datasheet HTML 17Page - Nuvoton Technology Corporation ISD91300 Datasheet HTML 18Page - Nuvoton Technology Corporation ISD91300 Datasheet HTML 19Page - Nuvoton Technology Corporation ISD91300 Datasheet HTML 20Page - Nuvoton Technology Corporation ISD91300 Datasheet HTML 21Page - Nuvoton Technology Corporation ISD91300 Datasheet HTML 22Page - Nuvoton Technology Corporation ISD91300 Datasheet HTML 23Page - Nuvoton Technology Corporation ISD91300 Datasheet HTML 24Page - Nuvoton Technology Corporation ISD91300 Datasheet HTML 25Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
ISD91300 Series Datasheet
Release Date: Mar 22, 2019
- 21 -
Revision V1.1
6.3
AC Electrical Characteristics
6.3.1
External 32kHz XTAL Oscillator
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Input clock frequency
External crystal
-
32.768
-
kHz
Temperature
-
-40
-
85
VDD
-
2.4
-
5.5
V
6.3.2
Internal 49.152MHz Oscillator
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply voltage
-
2.4
-
5.5
V
Center Frequency
-
-
49.152
MHz
Calibrated Internal Oscillator
Frequency
+25
C; VDD =3V
-1
-
1
%
-40
C~+85C;
VDD=2.4V~5.5V
-4
-
4
%
6.3.3
Internal 16 kHz Oscillator
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply voltage
-
2.4
-
5.5
V
Center Frequency
-
-
16
-
kHz
Calibrated Internal Oscillator
Frequency
+25
C; VDD =3V
-10
-
10
%
-40
C~+85C;
VDD=2.4V~5.5V
-20
-
20
%
.


Podobny numer części - ISD91300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nuvoton Technology Corp...
ISD9130CFI NUVOTON-ISD9130CFI Datasheet
5Mb / 415P
   ISD9160 Technical Reference Manual
ISD9130CYI NUVOTON-ISD9130CYI Datasheet
5Mb / 415P
   ISD9160 Technical Reference Manual
More results

Podobny opis - ISD91300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nuvoton Technology Corp...
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD94100 NUVOTON-ISD94100 Datasheet
3Mb / 109P
   ISD ARM짰 Cortex짰-M4F SoC
logo
NXP Semiconductors
LPC81XM NXP-LPC81XM_18 Datasheet
888Kb / 78P
   32-bit ARM짰 Cortex짰-M0 microcontroller
Rev. 4.6-4 April 2018
LPC804 NXP-LPC804 Datasheet
2Mb / 81P
   32-bit Arm짰 Cortex짰-M0 microcontroller
Rev. 1.3-23 March 2018
logo
Nuvoton Technology Corp...
M051 NUVOTON-M051 Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
MINI55 NUVOTON-MINI55 Datasheet
1Mb / 74P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
logo
NXP Semiconductors
LPC83X NXP-LPC83X Datasheet
1Mb / 78P
   32-bit ARM짰 Cortex짰-M0 microcontroller
Rev. 1.2-4 April 2018
logo
Nuvoton Technology Corp...
NUC029 NUVOTON-NUC029 Datasheet
1Mb / 102P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
NUC123 NUVOTON-NUC123 Datasheet
1Mb / 99P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com