Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISD94100 Arkusz danych(PDF) 31 Page - Nuvoton Technology Corporation

Numer części ISD94100
Szczegółowy opis  ISD ARM짰 Cortex짰-M4F SoC
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NUVOTON [Nuvoton Technology Corporation]
Strona internetowa  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD94100 Arkusz danych(HTML) 31 Page - Nuvoton Technology Corporation

Back Button ISD94100 Datasheet HTML 27Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 28Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 29Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 30Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 31Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 32Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 33Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 34Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 35Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 109 page
background image
ISD94100 Series Datasheet
Sep 09, 2019
Page 31 of 109
Rev1.13
Pins
Pin Name
Type
MFP
Description
QFN48
(6x6)
LQFP64
(7x7)
LQFP64
(10x10)
44
60
60
PA.11
I/O
MFP0 General purpose digital I/O pin.
I2C0_SMBSUS
O
MFP1 I2C0 SMBus SMBSUS# pin (PMBus CONTROL pin)
TM0
I/O
MFP2 Timer0 event counter input / toggle output.
DPWM_RP
O
MFP3 Audio DPWM right channel positive output pin.
45
61
61
PA.12
I/O
MFP0 General purpose digital I/O pin.
I2C0_SMBAL
O
MFP1 I2C0 SMBus SMBALERT# pin
TM0_EXT
I/O
MFP2 Timer0 external capture input.
SPI2_I2SMCLK
O
MFP4 SPI2 I2S master clock output pin.
46
62
62
PA.13
I/O
MFP0 General purpose digital I/O pin.
CLKO
O
MFP1 Clock Output pin.
INT0
I
MFP2 External interrupt0 input pin.
DPWM_SN
O
MFP3 Audio DPWM sub-woofer channel negative output
pin.
I2C1_SCL
I/O
MFP4 I2C1 clock pin.
47
63
63
PA.14
I/O
MFP0 General purpose digital I/O pin.
SPI0_SS0
I/O
MFP1 1st SPI0 Slave Select pin
TM1
I/O
MFP2 Timer1 event counter input / toggle output.
DPWM_SP
O
MFP3 Audio DPWM sub-woofer channel positive output pin.
I2C1_SDA
I/O
MFP4 I2C1 data input/output pin.
48
64
64
PA.15
I/O
MFP0 General purpose digital I/O pin.
INT0
I
MFP1 External interrupt0 input pin.
TM1_EXT
I/O
MFP2 Timer1 external capture input.
Note:
1.
Part number ISD941XXBYI and ISD941XXBRI do not provide DPWM and DMIC functionality.
Table 4.4-1 Pin Description


Podobny numer części - ISD94100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ISD9100 ETC2-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex-M0 ChipCorder
logo
Nuvoton Technology Corp...
ISD9100 NUVOTON-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex??M0 ChipCorder
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
More results

Podobny opis - ISD94100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nuvoton Technology Corp...
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
M480 NUVOTON-M480 Datasheet
8Mb / 401P
   32-bit ARM짰 Cortex짰-M4F Microcontroller
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C49J0AGB10000 TI1-S6E2C49J0AGB10000 Datasheet
4Mb / 193P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B360R CYPRESS-MB9B360R Datasheet
3Mb / 166P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com