Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FR78L05 Arkusz danych(PDF) 2 Page - First Silicon Co., Ltd

Numer części FR78L05
Szczegółowy opis  THREE TERMINAL POSITIVE VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FS [First Silicon Co., Ltd]
Strona internetowa  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR78L05 Arkusz danych(HTML) 2 Page - First Silicon Co., Ltd

  FR78L05 Datasheet HTML 1Page - First Silicon Co., Ltd FR78L05 Datasheet HTML 2Page - First Silicon Co., Ltd FR78L05 Datasheet HTML 3Page - First Silicon Co., Ltd FR78L05 Datasheet HTML 4Page - First Silicon Co., Ltd FR78L05 Datasheet HTML 5Page - First Silicon Co., Ltd FR78L05 Datasheet HTML 6Page - First Silicon Co., Ltd FR78L05 Datasheet HTML 7Page - First Silicon Co., Ltd FR78L05 Datasheet HTML 8Page - First Silicon Co., Ltd FR78L05 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ELECTRICAL CHARACTERISTICS
FR78L05/F
(Unless otherwise specified, VIN=10V, IOUT=40mA, CIN=0.33μF, COUT=0.1μF, 0℃≤T ≤125℃
j
)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25
4.75
5.0
5.25
V
Line Regulation
Reg line
1
Tj=25
7.0V≤
VIN 20V
-
32
150
mV
8.0V≤
VIN 20V
26
100
Load Regulation
Reg load
1
Tj=25
1.0mA≤
IOUT 100mA
-
15
60
mV
1.0mA≤
IOUT 40mA
-
8
30
7.0V≤
VIN 20V,
1.0mA≤
IOUT 40mA
5.25
V
1.0mA≤
IOUT 70mA
5.25
Quiescent Current
IB
1
Tj=25
-
3.1
6.0
mA
Tj=125
-
-
5.5
Quiescent Current Change
ΔIB
1
9.0V≤
VIN 20V
-
-
1.5
mA
1.0mA≤
IOUT 40mA
-
-
0.1
Output Noise Voltage
VNO
1
Ta=25, 10Hz≤ ≤
f 100kHz
-
42
-
μVrms
RR
2
f=120Hz,
8.0V≤
VIN 20V, Tj=25
41
49
-
dB
Dropout Voltage
VD
1
Tj=25
-
1.7
-
V
2007. 5. 20
2/11
FR78L05/F ~ FR78L24/F
Revision No : 1
-
4.75
4.75
-
-
Ripple Rejection Ratio


Podobny numer części - FR78L05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Silicon Co., Ltd
FR78L05SOP FS-FR78L05SOP Datasheet
212Kb / 11P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Podobny opis - FR78L05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
   Three-Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05ACDT MCC-MC78M05ACDT Datasheet
168Kb / 3P
   Three-Terminal Positive Voltage Regulators
MC78M05CDT MCC-MC78M05CDT Datasheet
330Kb / 3P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com