Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLE75242-ESD Arkusz danych(PDF) 46 Page - Infineon Technologies AG

Numer części TLE75242-ESD
Szczegółowy opis  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75242-ESD Arkusz danych(HTML) 46 Page - Infineon Technologies AG

Back Button TLE75242-ESD Datasheet HTML 42Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 43Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 44Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 45Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 46Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 47Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 48Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 49Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
Datasheet
46
Rev. 1.0
2017-11-23
TLE75242-ESD
SPIDER+ 12V
Diagnosis
9
Diagnosis
The SPI of TLE75242-ESD provides diagnosis information about the device and the load status. Each channel
diagnosis information is independent from other channels. An error condition on one channel has no
influence on the diagnostic of other channels in the device (unless configured to work in parallel, see
Chapter 7.3 for more details).
9.1
Over Load and Over Temperature
When either an Over Load or an Over Temperature occurs on one channel, the diagnosis bit ERRn is set
accordingly. As described in Chapter 8.1 and Chapter 8.2, the channel latches OFF and must be reactivated
setting corresponding HWCR_OCL.OUTn bit to “1”.
9.2
Output Status Monitor
The device compares each channel VDS with VDS(OL) (Low-Side channels and auto-configurable channels used
as Low-Side switches), VOUT_S with VOUT_S(OL) (auto-configurable channels used as High-Side), VOUT with VOUT(OL)
(High-Side channels) and sets the corresponding DIAG_OSM.OUTn bits accordingly. The bits are updated
every time DIAG_OSM register is read.
• VDS < VDS(OL) → DIAG_OSM.OUTn = “1” (Low-Side channels and auto-configurable channels as Low-Side)
• VOUT_S > VOUT_S(OL) → DIAG_OSM.OUTn = “1” (auto-configurable channels as High-Side)
• VOUT > VOUT(OL) → DIAG_OSM.OUTn = “1” (High-Side channels)
A diagnosis current IOL in parallel to the power switch can be enabled by programming the DIAG_IOL.OUTn
bit, which can be used for Open Load at OFF detection. Each channel has its dedicated diagnosis current
source. If the diagnosis current IOL is enabled or if the channel changes state (ON → OFF or OFF → ON) it is
necessary to wait a time tOSM for a reliable diagnosis. Enabling IOL current sources increases the current
consumption of the device. Even if an Open Load is detected, the channel is not latched OFF.
See Figure 23 for a timing overview (the values of DIAG_IOL.OUTn refer to a channel in normal operation
properly connected to the load).
Figure 23 Output Status Monitor timing
INn
t
OutStatMon_timings.emf
OUT.OUTn
1
t
tON + tOSM
DIAG_OSM.OUTn
0
t
x
t
SPI readout of
DIAG_OSM.OUTn
1
0
0
Output voltage
comparator
tOFF + tOSM
x
0
x
x


Podobny numer części - TLE75242-ESD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Podobny opis - TLE75242-ESD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75602-ESH INFINEON-TLE75602-ESH Datasheet
2Mb / 82P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com