Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLE75242-ESH Arkusz danych(PDF) 30 Page - Infineon Technologies AG

Numer części TLE75242-ESH
Szczegółowy opis  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75242-ESH Arkusz danych(HTML) 30 Page - Infineon Technologies AG

Back Button TLE75242-ESH Datasheet HTML 26Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 27Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 28Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 29Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 30Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 31Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 32Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 33Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 83 page
background image
Datasheet
30
Rev. 1.0
2017-11-23
TLE75242-ESH
SPIDER+ 12V
Power Supply
Logic supply current in
Active mode - channels OFF
IVDD(ACTIVE)
0.3
mA
IDLE = “high”
VINn floating
fSCLK = 0 MHz
HWCR.ACT = 1B
OUT.OUTn = 0B
VCSN = VDD
P_6.3.30
Logic supply current in
Active mode - channels OFF
(COR)
IVDD(ACTIVE)
2.7
mA
IDLE = “high”
VINn floating
fSCLK = 0 MHz
HWCR.ACT = 1B
OUT.OUTn = 0B
VCSN = VDD
VS ≤ VDD - 1 V
P_6.3.33
Logic supply current in
Active mode - channels ON
IVDD(ACTIVE)
0.3
mA
IDLE = “high”
VINn floating
fSCLK = 0 MHz
HWCR.ACT = 1B
OUT.OUTn = 1
VCSN = VDD
P_6.3.35
Logic supply current in
Active mode - channels ON
(COR)
IVDD(ACTIVE)
3.5
mA
IDLE = “high”
VINn floating
fSCLK = 0 MHz
HWCR.ACT = 1B
OUT.OUTn = 1B
DIAG_IOL.OUTn =
0B
DIAG_OLONEN.M
UX = 0100B
VCSN = VDD
VS ≤ VDD - 1 V
P_6.3.66
Overall current consumption
Overall current
consumption in Sleep mode
IVS(SLEEP) + IVDD(SLEEP)
ISLEEP
––
5
µA
1)
VIDLE floating
VINn floating
VCSN = VDD
TJ ≤ 85 °C
P_6.3.40
Table 8
Electrical Characteristics Power Supply (cont’d)
VDD = 3 V to 5.5 V, VS = 7 V to 18 V, TJ = -40 °C to +150 °C, all voltages with respect to ground, positive currents
flowing as described in Figure 3 (unless otherwise specified)
Typical values: VDD = 5 V, VS = 13.5 V, TJ = 25 °C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.


Podobny numer części - TLE75242-ESH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TLE75242-ESD INFINEON-TLE75242-ESD Datasheet
2Mb / 71P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Podobny opis - TLE75242-ESH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75602-ESH INFINEON-TLE75602-ESH Datasheet
2Mb / 82P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESD INFINEON-TLE75242-ESD Datasheet
2Mb / 71P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com