Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLE75242-ESH Arkusz danych(PDF) 8 Page - Infineon Technologies AG

Numer części TLE75242-ESH
Szczegółowy opis  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75242-ESH Arkusz danych(HTML) 8 Page - Infineon Technologies AG

Back Button TLE75242-ESH Datasheet HTML 4Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 5Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 6Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 7Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 8Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 9Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 10Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 11Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
Datasheet
8
Rev. 1.0
2017-11-23
TLE75242-ESH
SPIDER+ 12V
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol
I/O
Function
Power Supply Pins
20
VS
Analog supply VS
Positive supply voltage for power switches gate control (incl.
protections)
9, 16
VS_HS
Analog supply VS_HS
Positive supply voltage for power switches drain current
24
VDD
Digital supply VDD
Supply voltage for SPI with support function to VS
5GND
Ground
Ground connection (also for the low-side switches)
SPI Pins
1CSN
I
Chip Select
“low” active, integrated pull-up to VDD
2SCLK
I
Serial Clock
“high” active, integrated pull-down to ground
3SI
I
Serial Input
“high” active, integrated pull-down to ground
4SO
O
Serial Output
“Z” (tri-state) when CSN is “high”
Input and Stand-by Pins
21
IDLE
I
Idle mode
power mode control, “high” activates Idle mode, integrated pull-down
to ground
23
IN0
I
Input pin 0
connected to channel 2 by default and in Limp Home mode, “high”
active, integrated pull-down to ground
22
IN1
I
Input pin 1
connected to channel 3 by default and in Limp Home mode, “high”
active, integrated pull-down to ground
Power Ouput Pins
6
OUT0_LS
O
Drain of low-side power transistor (channel 0)
7
OUT2_D
O
Drain of auto configurable power transistor (channel 2)
8
OUT2_S
O
Source of auto configurable power transistor (channel 2)
17
OUT3_S
O
Source of auto configurable power transistor (channel 3)
18
OUT3_D
O
Drain of auto configurable power transistor (channel 3)
19
OUT1_LS
O
Drain of low-side power transistor (channel 1)
10
OUT4_HS
O
Source of high-side power transistor (channel 4)
11
OUT6_HS
O
Source of high-side power transistor (channel 6)
14
OUT7_HS
O
Source of high-side power transistor (channel 7)


Podobny numer części - TLE75242-ESH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TLE75242-ESD INFINEON-TLE75242-ESD Datasheet
2Mb / 71P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Podobny opis - TLE75242-ESH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75602-ESH INFINEON-TLE75602-ESH Datasheet
2Mb / 82P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESD INFINEON-TLE75242-ESD Datasheet
2Mb / 71P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com