Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FL086-6-35M Arkusz danych(PDF) 1 Page - Mini-Circuits

Numer części FL086-6-35M
Szczegółowy opis  Coaxial Cable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

FL086-6-35M Arkusz danych(HTML) 1 Page - Mini-Circuits

  FL086-6-35M Datasheet HTML 1Page - Mini-Circuits FL086-6-35M Datasheet HTML 2Page - Mini-Circuits FL086-6-35M Datasheet HTML 3Page - Mini-Circuits FL086-6-35M Datasheet HTML 4Page - Mini-Circuits FL086-6-35M Datasheet HTML 5Page - Mini-Circuits FL086-6-35M Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Coaxial Cable
FL086-XX-35M+ Model Series
The Big Deal
Product Overview
The FL086 Series Flexible Coaxial Cables are ideal for interconnection of coaxial components or sub-systems.
The construction includes a silver-plated copper-clad steel center conductor. The outer shield is copper braid, tin
soaked, which minimizes signal leakage and at the same time flexible for easy bend. Dielectric is low loss PTFE.
Connectors have passivated stainless-steel coupling nut over a gold plated connector body with gold plated brass
center conductor. The FL086 Series Flexible cables are available in variety of length to meet your requirements.
Key Features
CASE STYLE: SE2930-XX
XX= cable length in inches
• Flexible
• Tight Bend Radius, 6mm
• Excellent Return Loss and Insertion Loss
• Ideal for interconnect of assembled systems
50Ω
DC to 26.5 GHz
Feature
Advantages
Flexible RF Cables
The FL086 Series Flexible cables are ideal for use integrating coaxial components and sub-
assemblies without the need for special cable-bending tools and alleviating the risk of damage
during the bending process typical of semi-rigid coaxial cable assemblies.
Tight Bend Radius: 6mm
Capable of only 6mm bend radius, the FL086 Flexible series is able to make connections in tight
spaces making these cables ideal for dense system integration
Excellent Return loss
• 33 dB typ. at 18 GHz
• 26 dB typ. at 26.5 GHz
The FL086 Series Flexible Cables are ideally suited for interconnecting a wide variety of RF
components while minimizing VSWR ripple contribution due to mating cables & connectors.
Good Power Handling Capability:
• 198W at 0.5 GHz
• 16W at 26.5 GHz
Mini-Circuits FL086 Cable series can support medium to high RF power levels enabling these
cables to be used in the transmit path. NOTE: power rating is at sea-level altitudes.
Flexible


Podobny numer części - FL086-6-35M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
FL086-6KM MINI-FL086-6KM Datasheet
697Kb / 6P
   Coaxial Cable
FL086-6KM++ MINI-FL086-6KM+ Datasheet
697Kb / 6P
   Coaxial Cable
FL086-6NM MINI-FL086-6NM Datasheet
264Kb / 2P
   Coaxial Cable
FL086-6NM++ MINI-FL086-6NM+ Datasheet
264Kb / 2P
   Coaxial Cable
FL086-6SM MINI-FL086-6SM Datasheet
247Kb / 2P
   Coaxial Cable
More results

Podobny opis - FL086-6-35M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
047-12SMP MINI-047-12SMP Datasheet
287Kb / 2P
   Coaxial Cable
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
   Coaxial Cable
086-8SM MINI-086-8SM Datasheet
558Kb / 3P
   Coaxial Cable
086-4SBSMR MINI-086-4SBSMR Datasheet
388Kb / 2P
   Coaxial Cable
086-6SMRC MINI-086-6SMRC Datasheet
284Kb / 2P
   Coaxial Cable
086-7SBSM MINI-086-7SBSM Datasheet
441Kb / 2P
   Coaxial Cable
086-10SMR MINI-086-10SMR Datasheet
385Kb / 2P
   Coaxial Cable
086-11SM MINI-086-11SM Datasheet
547Kb / 3P
   Coaxial Cable
086-14SBSM MINI-086-14SBSM Datasheet
443Kb / 2P
   Coaxial Cable
086-18KM MINI-086-18KM Datasheet
304Kb / 2P
   Coaxial Cable
141-5SMRSM MINI-141-5SMRSM Datasheet
542Kb / 3P
   Coaxial Cable
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com