Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FL086-6-35M Arkusz danych(PDF) 2 Page - Mini-Circuits

Numer części FL086-6-35M
Szczegółowy opis  Coaxial Cable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

FL086-6-35M Arkusz danych(HTML) 2 Page - Mini-Circuits

  FL086-6-35M Datasheet HTML 1Page - Mini-Circuits FL086-6-35M Datasheet HTML 2Page - Mini-Circuits FL086-6-35M Datasheet HTML 3Page - Mini-Circuits FL086-6-35M Datasheet HTML 4Page - Mini-Circuits FL086-6-35M Datasheet HTML 5Page - Mini-Circuits FL086-6-35M Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
REV. 1
ECO-000248
FL086-6-35M+
WP/CP/AM
191008
Features
• Wideband frequency coverage, DC to 26.5 GHz
• Low Loss, 0.7 dB typ. at 26.5 GHz
• Excellent Return Loss, 24 dB typ. at 26.5 GHz
• Flexible
• 6mm bend radius for tight installations
• Insulated outer jacket standard
• Connector interface, meets MIL-STD-348
Ideal for interconnect of assembled systems
Applications
• Replacement for custom bent 0.086" semi-rigid cables
• Communication receivers and transmitters
• Military and aerospace systems
• Environmental and test chambers
• Test accessory
50Ω
6 inch DC to 26.5 GHz
CASE STYLE: SE2930-6
FL086-6-35M+
Outline Dimensions (
)
inch
mm
Coaxial Cable
Cable Construction
Outline Drawing
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Connectors
Model
3.5mm-Male
FL086-6-35M+
1. Custom sizes available, consult factory.
Typical Performance Data
0.0
0.2
0.4
0.6
0.8
1.0
0
5000
10000
15000
20000
25000
30000
FREQUENCY (MHz)
FL086-6-35M+
INSERTION LOSS
Frequency
(MHz)
Insertion Loss
(dB)
Return Loss
(dB)
3.5mm-Male
3.5mm-Male
0
20
40
60
80
100
0
5000
10000
15000
20000
25000
30000
FREQUENCY (MHz)
FL086-6-35M+
RETURN LOSS
3.5mm Male
3.5mm Male
10
0.01
54.82
55.43
50
0.03
48.02
48.49
100
0.05
43.57
44.01
1000
0.16
39.86
38.20
3000
0.26
29.36
28.97
5000
0.31
33.52
43.01
7000
0.37
27.22
26.51
9000
0.40
26.33
26.28
11000
0.43
30.59
30.57
13000
0.47
27.03
28.38
15000
0.50
27.57
25.32
18000
0.56
24.97
23.23
21000
0.60
26.27
23.84
24000
0.65
23.96
27.76
26500
0.71
23.51
23.91
Electrical Specifications at 25°C
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
26.5
GHz
Length1
6
inches
Insertion Loss
DC - 2
0.1
0.4
dB
2 - 6
0.3
0.6
6 - 10
0.4
1.0
10 - 18
0.6
1.3
Return Loss
DC - 18
19
33
dB
18 - 26.5
17
25
Center Conductor: Silver Plated Copper Clad Steel
Dielectric: Fine Powder PTFE
Inner Shield: Silver Plated Copper Tape
Outer Shield: Silver Plated Copper Braid
Jacket: FEP, Blue
Connectors:
- Coupling Nut: Stainless Steel Passivated
- Body: Stainless Steel Gold Plated
- Center Pin: Brass, Gold Plated
(Unjacketed cable also availabe upon request)
A
B
C1
C2
D
E1
6.0
.36
.315
--
.36
.315
152.40
9.14
8.00
--
9.14
8.00
E2
T
wt
--
0.05
grams
--
1.27
9.70
F
0.106±.004
2.64±0.1
Flexible
Maximum Ratings
Operating Temperature
-55°C to 105°C
Storage Temperature
-55°C to 105°C
Power Handling at 25°C,
198W at 0.5 GHz
Sea Level
140W at
1 GHz
99W at
2 GHz
57W at
6 GHz
45W at
10 GHz
33W at
18 GHz
16W at 26.5 GHz
Generic photo used for illustration purposes only


Podobny numer części - FL086-6-35M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
FL086-6KM MINI-FL086-6KM Datasheet
697Kb / 6P
   Coaxial Cable
FL086-6KM++ MINI-FL086-6KM+ Datasheet
697Kb / 6P
   Coaxial Cable
FL086-6NM MINI-FL086-6NM Datasheet
264Kb / 2P
   Coaxial Cable
FL086-6NM++ MINI-FL086-6NM+ Datasheet
264Kb / 2P
   Coaxial Cable
FL086-6SM MINI-FL086-6SM Datasheet
247Kb / 2P
   Coaxial Cable
More results

Podobny opis - FL086-6-35M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
047-12SMP MINI-047-12SMP Datasheet
287Kb / 2P
   Coaxial Cable
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
   Coaxial Cable
086-8SM MINI-086-8SM Datasheet
558Kb / 3P
   Coaxial Cable
086-4SBSMR MINI-086-4SBSMR Datasheet
388Kb / 2P
   Coaxial Cable
086-6SMRC MINI-086-6SMRC Datasheet
284Kb / 2P
   Coaxial Cable
086-7SBSM MINI-086-7SBSM Datasheet
441Kb / 2P
   Coaxial Cable
086-10SMR MINI-086-10SMR Datasheet
385Kb / 2P
   Coaxial Cable
086-11SM MINI-086-11SM Datasheet
547Kb / 3P
   Coaxial Cable
086-14SBSM MINI-086-14SBSM Datasheet
443Kb / 2P
   Coaxial Cable
086-18KM MINI-086-18KM Datasheet
304Kb / 2P
   Coaxial Cable
141-5SMRSM MINI-141-5SMRSM Datasheet
542Kb / 3P
   Coaxial Cable
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com