Zakładka z wyszukiwarką danych komponentów |
|
ZVBP-9R6G-S Arkusz danych(PDF) 2 Page - Mini-Circuits |
|
ZVBP-9R6G-S Arkusz danych(HTML) 2 Page - Mini-Circuits |
2 / 8 page Notes A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document. B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp Mini-Circuits® www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com Cavity ZVBP-9R6G-S+ Electrical Specifications at 25°C Parameter F# Frequency (MHz) Min. Typ. Max. Unit Pass Band Center Frequency - - - 9600 - MHz Insertion Loss F1-F2 9550 - 9650 - 1.1 2.0 dB VSWR F1-F2 9550 - 9650 - 1.24 1.5 :1 Stop Band, Lower Insertion Loss DC-F3 DC - 9000 40 48 - dB F3-F4 9000 - 9300 25 30 - dB VSWR DC-F4 DC - 9300 - 30 - :1 Stop Band, Upper Insertion Loss F5-F6 9900 - 10200 25 33 - dB F6-F7 10200 - 16000 40 52 - dB F8-F9 18000 - 20400 30 46 - dB VSWR F5-F9 9900 - 20400 - 20 - :1 Maximum Ratings Operating Temperature -40°C to 85°C Storage Temperature -55°C to 100°C RF Power Input 1 W Max. Permanent damage may occur if any of these limits are exceeded. REV.OR M175581 ZVBP-9R6G-S+ EDU3599 URJ 191021 Page 2 of 3 Typical Frequency Response Functional Schematic Typical Performance Data at 25°C F5 F6 FREQUENCY (MHz) F7 F4 F8 DC F3 F1 F2 F9 RF IN RF OUT 50Ω 9550 to 9650 MHz Bandpass Filter 0 2 4 6 8 10 12 14 16 18 20 9400 9500 9600 9700 9800 FREQUENCY (MHz) ZVBP-9R6G-S+ INSERTION LOSS (Zoomed) Applications • Test and measurements • Lab use Features • Low Insertion loss, 1.1 dB typ. • Small connectorized package • Broad stopband performance up to 20 GHz CASE STYLE: UA2888 Connectors Model SMA-F ZVBP-9R6G-S+ Frequency (MHz) Insertion Loss (dB) VSWR (:1) Frequency (MHz) Group Delay (nsec) 100 86.58 801.33 9550 4.18 900 97.10 207.69 9555 4.04 1000 93.39 213.12 9560 3.93 3000 90.78 393.19 9565 3.85 4000 91.97 266.33 9570 3.79 9000 48.62 73.60 9575 3.76 9300 31.57 65.10 9580 3.73 9400 21.07 46.25 9585 3.72 9502 3.85 4.22 9590 3.72 9550 0.92 1.11 9595 3.72 9600 0.84 1.05 9600 3.73 9650 0.99 1.04 9605 3.74 9683 3.14 3.20 9610 3.76 9772 20.01 33.73 9615 3.79 9850 30.29 49.74 9620 3.83 9900 35.36 55.01 9625 3.89 10200 55.28 69.29 9630 3.97 16000 80.05 63.37 9635 4.08 18000 80.71 57.34 9640 4.22 20400 66.23 70.14 9650 4.61 +RoHS Compliant The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications 0 10 20 30 40 50 60 70 80 90 100 0 4080 8160 12240 16320 20400 FREQUENCY (MHz) ZVBP-9R6G-S+ INSERTION LOSS 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 9500 9550 9600 9650 9700 FREQUENCY (MHz) ZVBP-9R6G-S+ VSWR 0 2 4 6 8 10 9500 9550 9600 9650 9700 FREQUENCY (MHz) ZVBP-9R6G-S+ GROUP DELAY Generic photo used for illustration purposes only |
Podobny numer części - ZVBP-9R6G-S |
|
Podobny opis - ZVBP-9R6G-S |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |