Zakładka z wyszukiwarką danych komponentów |
|
ZX60-63GLN Arkusz danych(PDF) 2 Page - Mini-Circuits |
|
ZX60-63GLN Arkusz danych(HTML) 2 Page - Mini-Circuits |
2 / 8 page Notes A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document. B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp Mini-Circuits® www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com Page 2 of 4 Features • Low Noise Figure, 0.9 dB typ. • High IP3, 27.7 dBm typ. • Excellent Gain Flatness, ±1.6 dB typ. over 2.5 - 5 GHz • High Gain, 29.6 dB typ. Applications • 5G • WiFi • WLAN • UMTS • LTE • WiMAX • S-band radar • C-band Satcom REV. OR ECO-001141 ZX60-63GLN+ MCL NY 191218 50Ω 1.8 to 6.0 GHz Low Noise Amplifier Coaxial ZX60-63GLN+ 1. OIP3 measured with 0 dBm tones and 1 MHz spacing. Electrical Specifications1 at 25°C and 5V, unless noted Parameter Condition (GHz) V DD=5.0V Units Min. Typ. Max. Frequency Range 1.8 6.0 GHz Noise Figure 1.8 0.9 dB 2.5 0.8 3.5 0.8 5.0 1.2 6.0 1.5 Gain 1.8 28 31.5 — dB 2.5 29.6 3.5 24.5 27.8 — 5.0 26.3 6.0 21.5 24.5 — Input Return Loss 1.8 6 dB 2.5 8.5 3.5 11 5.0 11.5 6.0 12.5 Output Return Loss 1.8 10 dB 2.5 10 3.5 10.5 5.0 16 6.0 21 Output Power at 1dB Compression 1.8 15 dBm 2.5 14.6 3.5 12.0 13.6 5.0 11.1 6.0 10.2 Output IP31 1.8 27.8 dBm 2.5 27.7 3.5 26 5.0 22.8 6.0 21.7 Device Operating Voltage (VDD) 4.9 5.0 7.0 V Device Operating Current (IDD) — 67 80 mA +RoHS Compliant The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications Connectors Model SMA ZX60-63GLN+ +RoHS Compliant The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications CASE STYLE: GC957 Generic photo used for illustration purposes only |
Podobny numer części - ZX60-63GLN |
|
Podobny opis - ZX60-63GLN |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |