Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

DZF-25-160-A-P-A Arkusz danych(PDF) 1 Page - Festo Corporation.

Numer części DZF-25-160-A-P-A
Szczegółowy opis  Flat cylinder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FESTO [Festo Corporation.]
Strona internetowa  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

DZF-25-160-A-P-A Arkusz danych(HTML) 1 Page - Festo Corporation.

  DZF-25-160-A-P-A Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Flat cylinder
DZF-25-160-A-P-A
Part number: 161257
Data sheet
Feature
Value
Stroke
160 mm
Piston diameter
Equivalent diameter
25 mm
Max. angle of rotation of the piston rod +/-
1 deg
Type code
DZF
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Mode of operation
Double-acting
Design
Piston
Piston rod
Position sensing
For proximity sensor
Symbol
00991217
Protection against torsion/guide
Oval piston
Operating pressure
1 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Max. torque for protection against rotation
0.5 Nm
Theoretical force at 6 bar, retracting
247 N
Theoretical force at 6 bar, advancing
295 N
Moving mass at 0 mm stroke
40 g
Additional weight per 10 mm stroke
18 g
Basic weight with 0 mm stroke
168 g
Additional moving mass per 10 mm stroke
6 g
Type of mounting
With accessories
Optionally:
With internal thread
Pneumatic connection
M5
Cover material
Wrought aluminum alloy
Seals material
TPE-U(PU)
NBR
Housing material
Aluminum
Smooth anodized
Piston rod material
High-alloy stainless steel
7/27/20 - Subject to change - Festo AG & Co. KG
1/1


Podobny numer części - DZF-25-160-A-P-A

ProducentNumer częściArkusz danychSzczegółowy opis
Festo Corporation.
Festo Corporation.
DZF-25-160-P-A FESTO-DZF-25-160-P-A Datasheet
81Kb / 1P
   Flat cylinder
More results

Podobny opis - DZF-25-160-A-P-A

ProducentNumer częściArkusz danychSzczegółowy opis
Festo Corporation.
Festo Corporation.
DZF-32-250-P-A FESTO-DZF-32-250-P-A Datasheet
81Kb / 1P
   Flat cylinder
DZF-40-10-A-P-A FESTO-DZF-40-10-A-P-A Datasheet
88Kb / 1P
   Flat cylinder
DZF-40-40-P-A FESTO-DZF-40-40-P-A Datasheet
80Kb / 1P
   Flat cylinder
DZF-40-50-A-P-A FESTO-DZF-40-50-A-P-A Datasheet
89Kb / 1P
   Flat cylinder
DZF-40-250-A-P-A FESTO-DZF-40-250-A-P-A Datasheet
89Kb / 1P
   Flat cylinder
DZF-50-10-P-A FESTO-DZF-50-10-P-A Datasheet
80Kb / 1P
   Flat cylinder
DZF-50-40-P-A FESTO-DZF-50-40-P-A Datasheet
81Kb / 1P
   Flat cylinder
DZF-50-100-P-A FESTO-DZF-50-100-P-A Datasheet
80Kb / 1P
   Flat cylinder
DZF-50-200-A-P-A FESTO-DZF-50-200-A-P-A Datasheet
87Kb / 1P
   Flat cylinder
DZF-50-320-A-P-A FESTO-DZF-50-320-A-P-A Datasheet
88Kb / 1P
   Flat cylinder
More results


Html Pages

1 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com