Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-5150-100 Arkusz danych(PDF) 8 Page - Agilent(Hewlett-Packard)

Numer części HCPL-5150-100
Szczegółowy opis  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5150-100 Arkusz danych(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5150-100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5150-100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5150-100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5150-100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5150-100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5150-100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5150-100 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5150-100 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5150-100 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Figure 1. VOH vs. Temperature
Figure 2. IOH vs. Temperature
Figure 3. VOH vs. IOH
Figure 4. VOL vs. Temperature
Figure 5. IOL vs. Temperature
Figure 6. VOL vs. IOL
Figure 7. ICC vs. Temperature
Figure 8. ICC vs. VCC
Figure 9. IFLH vs. Temperature
-4
-3
-2
-1
0
-60
-30
0
30
60
90
120
150
TA - TEMPERATURE -
oC
IF = 10 to 18mA
IO = 100 mA
VCC = 15 to 30V
VEE = 0V
0.68
0.70
0.72
0.74
0.76
0.78
0.80
0.82
-100
-50
0
50
100
150
TA - TEMPERATURE -
oC
IF = 10 to 18mA
VO= VCC-4V
VCC = 15 to 30V
VEE = 0V
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
IOH - OUTPUT HIGH CURRENT - A
IF = 10 to 18mA
VCC =15 to 30V
VEE = 0V
125
oC
25
oC
-55
oC
VF(OFF) = -3.0 to 0.8V
IO = 100mA
VCC = 15 to 30V
VEE = 0V
TA - TEMPERATURE -
oC
-60
-30
0
30
60
90
120
150
0.7
0.6
0.5
0.4
0.2
0.1
0.3
0
0.8
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-60
-30
0
30
60
90
120
150
TA - TEMPERATURE -
oC
VF(OFF) = -3.0 to 0.8V
VOUT = 2.5V
VCC = 15 to 30V
VEE = 0V
0
1
2
3
4
5
6
7
0
0.2
0.4
0.6
0.8
1
IOL - OUTPUT LOW CURRENT - A
125
oC
25
oC
-55
oC
VF(OFF) = -3.0 to 0.8V
VCC = 15 to 30V
VEE = 0V
1.5
2.0
2.5
3.0
3.5
-60
-30
0
30
60
90
120
150
TA - TEMPERATURE -
oC
VCC = 30V
VEE = 0V
IF = 10mA for ICCH
IF = 0mA for ICCL
ICCL
ICCH
1.5
2.0
2.5
3.0
3.5
10
20
30
40
VCC - SUPPLY VOLTAGE - V
IF = 10mA for ICCH
IF = 0mA for ICCL
TA = 25
oC
VEE = 0V
ICCH
ICCL
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-100
-50
0
50
100
150
TA - TEMPERATURE -
oC
VCC = 15 to 30V
VEE = 0V
Output = Open


Podobny numer części - HCPL-5150-100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
More results

Podobny opis - HCPL-5150-100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com