Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS9000AMCX Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części TS9000AMCX
Szczegółowy opis  300mA CMOS Low Dropout Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9000AMCX Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9000AMCX Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9000AMCX Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9000AMCX Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9000AMCX Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TS9000/A series
3-4
2003/12 rev. B
SOT-89 Mechanical Drawing
SOT-89 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.40
4.60
0.173
0.181
B
1.50
1.7
0.059
0.070
C
2.30
2.60
0.090
0.102
D
0.40
0.52
0.016
0.020
E
1.50
1.50
0.059
0.059
F
3.00
3.00
0.118
0.118
G
0.89
1.20
0.035
0.047
H
4.05
4.25
0.159
0.167
I
1.4
1.6
0.055
0.068
J
0.35
0.44
0.014
0.017
SOT-23 Mechanical Drawing
D
C
A
E
B
G
F
SOT-23 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
2.88
2.91
0.113
0.115
B
0.39
0.42
0.015
0.017
C
1.78
2.03
0.070
0.080
D
0.51
0.61
0.020
0.024
E
1.50
1.70
0.059
0.067
F
1.04
1.08
0.041
0.043
G
0.07
0.09
0.003
0.004
H
F
E
B
A
G
C
D
J
I


Podobny numer części - TS9000AMCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
276Kb / 6P
   300mA CMOS LDO
TS9000 TSC-TS9000_07 Datasheet
276Kb / 6P
   300mA CMOS LDO
More results

Podobny opis - TS9000AMCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Huazhimei Semi...
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
   300mA low dropout CMOS voltage regulator
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
   300mA low dropout CMOS voltage regulator
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
A6301A AITSEMI-A6301A Datasheet
397Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.1
A6304A AITSEMI-A6304A Datasheet
821Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.5
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
logo
Analog Microelectronics
AME8818 AME-AME8818_12 Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com