Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3000 Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części SI3000
Szczegółowy opis  VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

SI3000 Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  SI3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3000 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Si3000
Rev. 1.1
5
Table 4. AC Characteristics
(VA, VD = 5 V ±5% or 3.3 V ±10%, TA = 0°C to 70°C for K-grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
ADC Resolution
—16
Bits
ADC Dynamic Range1,2
ADCDR
VIN = 1 kHz, –3 dB
80
84
dB
ADC Total Harmonic Distortion3
ADCTHD
VIN = 1 kHz, –3 dB, MIC/LINEI
–80
–62
dB
VA, VD = 3.3 V ±10%
VIN = 1 kHz, –3 dB, HDST
–80
–62
ADC Total Harmonic Distortion3
ADCTHD
VIN = 1 kHz, –3 dB, MIC/LINEI
–80
–76
dB
VA, VD = 5 V ±5%
VIN = 1 kHz, –3 dB, HDST
–80
–71
ADC Full Scale Level (0 dB gain)4
VRX
Vin = 1 kHz
1
Vrms
ADC Programmable Input Gain
–36
12
dB
ADC Input Gain Step Size
1.5
dB
ADC Freq Response5
FRR
Low –3 dB corner
33
Hz
ADC Freq Response5
FRR
300 Hz
–0.1
0
dB
ADC Freq Response
FRR
3400 Hz
–0.2
0
dB
Line In Preamp Gain
0/10/20
dB
Mic In Preamp Gain
0/10/20/
30
—dB
ADC Input Resistance
0 dB Preamp Gain
20
k
ADC Input Capacitance
15
pF
ADC Gain Drift
AT
VIN = 1 kHz
0.002
dB/°C
DAC Resolution
—16
Bits
DAC Dynamic Range1,2
DACDR
VIN = 1 kHz, –6 dB
80
84
dB
DAC Total Harmonic Distortion3
DACTHD
VIN=1 kHz,–6 dB,LINEO,600
–76
–60
dB
VA, VD = 3.3 V ±10%
VIN=1 kHz,–6 dB, SPKR, 60
–72
–60
VIN=1 kHz,–6 dB, HDST, 600
–80
–70
DAC Total Harmonic Distortion3
DACTHD
VIN=1 kHz,–3 dB,LINEO,600
–76
–65
dB
VA, VD = 5 V ±5%
VIN=1 kHz,–3 dB, SPKR, 60
–72
–65
VIN=1 kHz,–3 dB, HDST, 600
–80
–76
DAC Full Scale Level (0 dB gain)
VRX
—1
Vrms
DAC Programmable Output Gain
–36
12
dB
Notes:
1. DR = VIN + 20 log (RMS signal/RMS noise). Measurement bandwidth is 300 to 3400 Hz. Valid sample rate ranges
between 4000 and 12000 Hz.
2. 0 dB setting for analog and digital attenuation/gain.
3. THD = 20 log (RMS distortion/RMS signal). Valid sample rate ranges between 4000 and 12000 Hz.
4. At 0dB gain setting, 1 Vrms input corresponds to -1.5 dB of full scale digital output code.
5. These characteristics are determined by external components. See Figure 13.
6. With a 600
Ω load. Output starts clipping with half of full scale digital input, which corresponds to a 0.5 V
rms output.


Podobny numer części - SI3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3000 SILABS-SI3000 Datasheet
816Kb / 34P
   84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp
logo
Skyworks Solutions Inc.
SI3000 SKYWORKS-SI3000 Datasheet
1Mb / 34P
   VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
logo
Silicon Laboratories
SI3000-C-FS SILABS-SI3000-C-FS Datasheet
816Kb / 34P
   84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp
logo
Skyworks Solutions Inc.
SI3000-C-FS SKYWORKS-SI3000-C-FS Datasheet
1Mb / 34P
   VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
logo
Silicon Laboratories
SI3000-C-GS SILABS-SI3000-C-GS Datasheet
816Kb / 34P
   84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp
More results

Podobny opis - SI3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI3000 SKYWORKS-SI3000 Datasheet
1Mb / 34P
   VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com