Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES51977 Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części ES51977
Szczegółowy opis  Integrated analog-to-digital converter (ADC)with 3 3/4 digits and 42-segment bargraph LCD display
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

ES51977 Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  ES51977 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
91年11月28日
ES51977
3 3/4 AUTO EASY
Pin. No Symbol.
Description.
73
NC
74
BUZOUT
Buzzer output. Audio frequency (2.0KHz) output which drives a
piezoelectric buzzer.
75
NC
76
NC
77
NC
78
NC
79
OSC1
Crystal oscillator (input) connection.
80
OSC2
Crystal oscillator (output) connection.
81
NC
82
KEY
Mode change pin.
83
NC
84
NC
85
HOLD
Input to hold display. Pulse low to make this function active.
86
RANGE
Input to set automatic/manual mode and manual range selection. Pulse
low to make this function active.
87
FC5
Switch 5 for function selection.
88
FC4
Switch 4 for function selection.
89
FC3
Switch 3 for function selection.
90
FC2
Switch 2 for function selection.
91
FC1
Switch 1 for function selection.
92
LBAT9
Low battery voltage setting. If used 3V battery, connected this pin to
AGND, the default low battery voltage will be –2.3V. If used 9V
battery, when the input voltage is small than VRH(-1.2V), the low
battery annunciator will be display.
93
SDO
Serial data output.
94
C+
Positive capacitor connection for on-chip DC-DC converter.
95
C-
Negative capacitor connection for on-chip DC-DC converter.
96
V-
Negative supply voltage.Connecting to battery negative terminal.
97
V-
Negative supply voltage.Connecting to battery negative terminal.
98
DGND
Digital ground,connected to battery positive terminal.
99
AGND
Analog ground.
100
AGND
Analog ground.


Podobny numer części - ES51977

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cyrustek corporation
ES51977 CYRUSTEK-ES51977 Datasheet
270Kb / 21P
   3 3/4 AUTO EASY
More results

Podobny opis - ES51977

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Microchip Technology
TC818A MICROCHIP-TC818A Datasheet
583Kb / 24P
   Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display
2002
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
OPA626 TI1-OPA626 Datasheet
2Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter (ADC) Drivers
logo
Analog Devices
ADAU1979 AD-ADAU1979 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
REV. 0
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
ADAU1978 AD-ADAU1978 Datasheet
2Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com