Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA2095TE Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TEA2095TE
Szczegółowy opis  GreenChip dual synchronous rectifier controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2095TE Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TEA2095TE Datasheet HTML 6Page - NXP Semiconductors TEA2095TE Datasheet HTML 7Page - NXP Semiconductors TEA2095TE Datasheet HTML 8Page - NXP Semiconductors TEA2095TE Datasheet HTML 9Page - NXP Semiconductors TEA2095TE Datasheet HTML 10Page - NXP Semiconductors TEA2095TE Datasheet HTML 11Page - NXP Semiconductors TEA2095TE Datasheet HTML 12Page - NXP Semiconductors TEA2095TE Datasheet HTML 13Page - NXP Semiconductors TEA2095TE Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
NXP Semiconductors
TEA2095TE
GreenChip dual synchronous rectifier controller
TEA2095TE
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1.1 — 10 April 2020
10 / 19
9 Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VCC
supply voltage
−0.4 +38
V
Vsense(D)A
drain sense voltage A
DC
−0.8 +120 V
Vsense(D)B
drain sense voltage B
DC
−0.8 +120 V
Vsense(S)A
source sense voltage A
DC
−0.4 +0.4
V
Vsense(S)B
source sense voltage B
DC
−0.4 +0.4
V
VGDA
voltage on pin GDA
DC
[1] −0.4 +12.0 V
VGDB
voltage on pin GDB
DC
[1] −0.4 +12.0 V
General
fmax
maximum frequency
if not limited by Ptot
-
1
MHz
Tstg
storage temperature
−55
+150 °C
Tj
junction temperature
−40
+150 °C
Electrostatic discharge (ESD)
human body model (HBM)
[2] -
2000 V
VESD
electrostatic discharge
voltage
charged device model
(CDM)
[3] -
500
V
[1]
Output pin; not to be voltage driven
[2]
Human body model: Equivalent to discharging a 100 pF capacitor through a 1.5 kΩ series resistor.
[3]
Charged device model: Equivalent to charging the IC and discharging each pin over a 1 Ω resistor.
10 Recommended operating conditions
Table 5. Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
4.75
38
V
Tj
junction temperature
−40
+125
°C
11 Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from
junction to ambient
HSO8 package; PCB 4 layer;
4 vias; 0.4 mm; top/btm;
35 μm Cu; 60 mm x 125 mm;
exposed die pad soldered to
PCB
46
K/W
Rth(j-c)
thermal resistance from
junction to case
HSO8 package
8
K/W


Podobny numer części - TEA2095TE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA2095TE NXP-TEA2095TE Datasheet
231Kb / 19P
   GreenChip dual synchronous rectifier controller
Rev. 1.2 - 3 February 2023
TEA2095TE/1 NXP-TEA2095TE/1 Datasheet
231Kb / 19P
   GreenChip dual synchronous rectifier controller
Rev. 1.2 - 3 February 2023
TEA2095TE/1/S30 NXP-TEA2095TE/1/S30 Datasheet
231Kb / 19P
   GreenChip dual synchronous rectifier controller
Rev. 1.2 - 3 February 2023
TEA2095TE NXP-TEA2095TE_V01 Datasheet
231Kb / 19P
   GreenChip dual synchronous rectifier controller
Rev. 1.2 - 3 February 2023
More results

Podobny opis - TEA2095TE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1995T PHILIPS-TEA1995T Datasheet
190Kb / 17P
   GreenChip dual synchronous rectifier controller
Rev. 1-30 July 2015
TEA2096T NXP-TEA2096T Datasheet
257Kb / 18P
   GreenChip dual synchronous rectifier controller
Rev. 1 - 9 September 2022
TEA2095T NXP-TEA2095T Datasheet
235Kb / 19P
   GreenChip dual synchronous rectifier controller
Rev. 1.1-10 April 2020
TEA1995T NXP-TEA1995T_V01 Datasheet
230Kb / 18P
   GreenChip dual synchronous rectifier controller
Rev. 3-5 December 2017
TEA2095TE NXP-TEA2095TE_V01 Datasheet
231Kb / 19P
   GreenChip dual synchronous rectifier controller
Rev. 1.2 - 3 February 2023
TEA1792ATS NXP-TEA1792ATS Datasheet
324Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1761T NXP-TEA1761T Datasheet
83Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1998TS NXP-TEA1998TS Datasheet
230Kb / 18P
   GreenChip synchronous rectifier controller
Rev. 1-16 February 2017
TEA2093TS NXP-TEA2093TS Datasheet
273Kb / 19P
   GreenChip synchronous rectifier controller
Rev. 1 ??7 June 2022
TEA1892ATS PHILIPS-TEA1892ATS Datasheet
138Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com