Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

JN5189 Arkusz danych(PDF) 35 Page - NXP Semiconductors

Numer części JN5189
Szczegółowy opis  IEEE 802.15.4 low power wireless MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

JN5189 Arkusz danych(HTML) 35 Page - NXP Semiconductors

Back Button JN5189 Datasheet HTML 31Page - NXP Semiconductors JN5189 Datasheet HTML 32Page - NXP Semiconductors JN5189 Datasheet HTML 33Page - NXP Semiconductors JN5189 Datasheet HTML 34Page - NXP Semiconductors JN5189 Datasheet HTML 35Page - NXP Semiconductors JN5189 Datasheet HTML 36Page - NXP Semiconductors JN5189 Datasheet HTML 37Page - NXP Semiconductors JN5189 Datasheet HTML 38Page - NXP Semiconductors JN5189 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
JN5189
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1.2 — June 2020
35 of 92
NXP Semiconductors
IEEE 802.15.4 low power wireless MCU
JN5189(T)/JN5188(T)
– 1 kHz clock for high-resolution RTC timing
32-bit, 1 Hz RTC counter and associated match register for alarm generation
Separate 16-bit high-resolution/wake-up timer clocked at 1 kHz for 1 ms resolution
giving a maximum time-out period of over one minute.
RTC alarm and high-resolution/wake-up timer time-out each generate independent
interrupt requests. Either time-out can wake up the part from Low-power modes
(Sleep mode, Deep-sleep mode or Power-down mode)
8.10.3.2 General description
The RTC contains two timers:
Real time clock
The real-time clock is a 32-bit up-counter which can be cleared or initialized by
software. Once enabled, it counts continuously at a 1 Hz clock rate as long as the
device is powered up and the RTC remains enabled.
The main purpose of the RTC is to count seconds and generate an alarm interrupt to
the processor whenever the counter value equals the value programmed into the
associated 32-bit match register.
If the part is in one of the reduced-power modes (Sleep, Deep-sleep, Power-down) an
RTC alarm interrupt can also wake up the part to exit the Power mode and begin
normal operation.
High-resolution/wake-up timer
The time interval required for many applications, including waking the part up from a
Low-power mode, will often demand a greater degree of resolution than the
one-second minimum interval afforded by the main RTC counter. For these
applications, a higher frequency secondary timer has been provided.
This secondary timer is an independent, stand-alone wake-up or general-purpose
timer for timing intervals of up to 64 seconds with approximately one millisecond of
resolution.
The high-resolution/wake-up timer is a 16-bit down counter which is clocked at a 1
kHz rate when it is enabled. Writing any non-zero value to this timer will automatically
enable the counter and launch a countdown sequence. When the counter is being
used as a wake-up timer, this write can occur just prior to entering a reduced power
mode.
When a starting count value is loaded, the high-resolution/wake-up timer will turn on,
count from the pre-loaded value down to zero, generate an interrupt and/or a wake-up
command, and then turn itself off until re-launched by a subsequent software write.
8.10.4 Low Power Wake-up Timers
Two low power wake-up timers are available on the JN5189, driven from the 32 kHz
internal clock. They may run in power-down mode when the majority of the rest of the
device is powered down, to time low-power periods or other long period timings that may
be required by the application. The wake-up timers do not run during deep power-down
and may optionally be disabled in power-down mode through software control. When a
wake-up timer expires, it typically generates an interrupt; if the device is in deep sleep or
power down mode then the interrupt may be used as an event to end the low power
mode. Features include:


Podobny numer części - JN5189

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
JN5142-001 NXP-JN5142-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5142-J01 NXP-JN5142-J01 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001 NXP-JN5148-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M00 NXP-JN5148-001-M00 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M03 NXP-JN5148-001-M03 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Podobny opis - JN5189

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
   High-performance, IEEE 802.15.4 wireless system-on-chip
logo
NXP Semiconductors
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
TriQuint Semiconductor
GP502 TRIQUINT-GP502 Datasheet
193Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
logo
TriQuint Semiconductor
GP501 TRIQUINT-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Qorvo, Inc
GP501 QORVO-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
GP502 QORVO-GP502 Datasheet
137Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
   IEEE 802.15.4 and Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com