Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

JN5189 Arkusz danych(PDF) 83 Page - NXP Semiconductors

Numer części JN5189
Szczegółowy opis  IEEE 802.15.4 low power wireless MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

JN5189 Arkusz danych(HTML) 83 Page - NXP Semiconductors

Back Button JN5189 Datasheet HTML 79Page - NXP Semiconductors JN5189 Datasheet HTML 80Page - NXP Semiconductors JN5189 Datasheet HTML 81Page - NXP Semiconductors JN5189 Datasheet HTML 82Page - NXP Semiconductors JN5189 Datasheet HTML 83Page - NXP Semiconductors JN5189 Datasheet HTML 84Page - NXP Semiconductors JN5189 Datasheet HTML 85Page - NXP Semiconductors JN5189 Datasheet HTML 86Page - NXP Semiconductors JN5189 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
JN5189
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1.2 — June 2020
83 of 92
NXP Semiconductors
IEEE 802.15.4 low power wireless MCU
JN5189(T)/JN5188(T)
17. Abbreviations
Table 47.
Abbreviations
Acronym
Description
ADC
Analog to Digital Converter
ADE
Antenna diversity Even
ADO
Antenna diversity Odd
AES
Advanced Encryption Standard
AGC
Automatic Gain Control
API
Application Program Interface
APT
Analog Peripheral Timer
BOM
Bill Of Material
BOR
Brown-Out Reset
CCA
Clear Channel Assessment
CCM
Counter with CBC-MAC
CDM
Charged Device Model
CLK
CLocK
CPU
Central Processing Unit
CRC
Cyclic redundancy Check
CSMA/CA
Carrier Sense Multiple Access with Collision Avoidance
CTS
Clear-To-Send
CW
Continuous Wave
DALI
Digitally Addressable Lighting Interface
DC
Direct current
DIO
Digital Input Output
DMA
Direct memory Access
DO
Digital Output
ED
Energy Detection
EEPROM
Electrically-Erasable Programmable Read Only Memory
ESR
Equivalent Series Resistance
FIFO
First In First Out
GP
General Purpose
GPIO
General Purpose Input Output
HBM
Human Body Model
HS
High Speed
HVQFN
Heatsink Very-thin Quad Flat No-Leads
ID
IDentification
IF
Intermediate frequency
IO
Input Output
IPC
Interconnecting and Packaging Electronic Circuits
JTAG
Joint Test Action Group
LNA
Low Noise Amplifier
LQI
Link Quality Indication


Podobny numer części - JN5189

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
JN5142-001 NXP-JN5142-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5142-J01 NXP-JN5142-J01 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001 NXP-JN5148-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M00 NXP-JN5148-001-M00 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M03 NXP-JN5148-001-M03 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Podobny opis - JN5189

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
   High-performance, IEEE 802.15.4 wireless system-on-chip
logo
NXP Semiconductors
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
TriQuint Semiconductor
GP502 TRIQUINT-GP502 Datasheet
193Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
logo
TriQuint Semiconductor
GP501 TRIQUINT-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Qorvo, Inc
GP501 QORVO-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
GP502 QORVO-GP502 Datasheet
137Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
   IEEE 802.15.4 and Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com