Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IMX8MNIEC Arkusz danych(PDF) 61 Page - NXP Semiconductors

Numer części IMX8MNIEC
Szczegółowy opis  i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MNIEC Arkusz danych(HTML) 61 Page - NXP Semiconductors

Back Button IMX8MNIEC Datasheet HTML 57Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 58Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 59Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 60Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 61Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 62Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 63Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 64Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 89 page
background image
Electrical characteristics
i.MX 8M Nano Applications Processor Datasheet for Industrial Products, Rev. 0.1, 03/2020
NXP Semiconductors
61
3.9.9.2.2
DDR mode
Figure 40. FlexSPI output timing in DDR mode
3.9.10 SAI/I2S switching specifications
This section provides the AC timings for the SAI in Master (clocks driven) and Slave (clocks input) modes.
All timings are given for non inverted serial clock polarity (SAI_TCR[TSCKP] = 0, SAI_RCR[RSCKP]
= 0) and non inverted frame sync (SAI_TCR[TFSI] = 0, SAI_RCR[RFSI] = 0). If the polarity of the clock
and/or the frame sync have been inverted, all the timings remain valid by inverting the clock signal
(SAI_BCLK) and/or the frame sync (SAI_FS) shown in the figures below.
Table 52. FlexSPI output timing in DDR mode
Symbol
Parameter
Min.
Max.
Unit
[D:] Frequency of operation1
1 The actual maximum frequency supported is limited by the FlexSPIn_MCR0[RXCLKSRC] configuration used. See the
FlexSPI SDR input timing specifications.
TCSS and TCSH are configured by the FlexSPIn_FLSHAxCR1 register, the
default values are shown above. See the i.MX 8M Nano Applications
Processor Reference Manual (IMX8MNRM) for more details.
—166
MHz
TCK
[D:] SCK clock period
6.02
ns
TDSO
[D:] Output data setup time
0.6
ns
TDHO
[D:] Output data hold time
0.6
ns
TCSS
[D:] Chip select output setup time
3 x TCK - 1.075
ns
TCSH
[D:] Chip select output hold time
3 x TCK - 1.075
ns
Table 53. Master mode SAI timing (50 MHz)1
Num
Characteristic
Min
Max
Unit
S1
SAI_MCLK cycle time
20
ns
S2
SAI_MCLK pulse width high/low
40%
60%
MCLK period
S3
SAI_BCLK cycle time
20
ns
TCSS
TCK
TDVO
TDHO
TDVO
TDHO
TCSH
SCK
CS
SIO[0:7]


Podobny numer części - IMX8MNIEC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
More results

Podobny opis - IMX8MNIEC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MMIEC NXP-IMX8MMIEC_V01 Datasheet
2Mb / 96P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 2, 11/2022
IMX8MMIEC NXP-IMX8MMIEC Datasheet
994Kb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 1, 07/2020
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MPCEC NXP-IMX8MPCEC Datasheet
1Mb / 111P
   i.MX 8M Plus Applications Processor Datasheet for Consumer Products
Rev. 0, 03/2021
IMX8ULPIEC NXP-IMX8ULPIEC Datasheet
1Mb / 100P
   i.MX 8ULP Applications Processor-Industrial Products
Rev. 1 - 09/2023
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
   i.MX 8M Mini Applications Processor
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
   i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com